SS11VL-R08125
AI

The **SS11VL-R08125** is a high-performance common mode choke coil (inductor) manufactured by KEMET. It is primarily used in power supply circuits to suppress electromagnetic interference (EMI) and noise.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Series** | SS11VL (Vertical Type) |
| **Rated Current** | 0.8 Amperes (A) |
| **Inductance (Min)** | 12.5 mH |
| **DC Resistance (Max)** | 0.85 $\Omega$ per line |
| **Temperature Rise** | 45 K (Maximum) |
| **Operating Temp Range** | -25°C to +120°C |
| **Voltage Rating** | 250 VAC / VDC |
---
### 2. Key Features
* **High Permeability Core:** Utilizes a proprietary ferrite core material that provides high impedance at low frequencies, making it effective at filtering line noise.
* **Vertical Mount Design:** The "VL" designation indicates a vertical orientation, which saves significant PCB (Printed Circuit Board) real estate.
* **Dual Winding:** It consists of two coils wound on a single core, designed to cancel out common-mode noise while allowing differential-mode signals to pass.
---
### 3. Common Applications
This component is typically found in the input stage of power electronics to comply with EMI/EMC regulations (such as FCC or CISPR).
1. **Switch Mode Power Supplies (SMPS):** Filters high-frequency switching noise.
2. **LED Lighting Drivers:** Prevents electrical noise from entering the AC mains.
3. **Consumer Electronics:** Used in adapters for laptops, televisions, and audio equipment.
4. **Industrial Equipment:** Protects sensitive control circuits from line interference.
---
### 4. Typical Internal Circuit
The SS11VL series is a 4-pin device. The wiring is usually structured as follows:
```text
Pin 1 (Input L) ----[ Coil A ]---- Pin 4 (Output L)
Pin 2 (Input N) ----[ Coil B ]---- Pin 3 (Output N)
```
*Note: The magnetic fields generated by the load current cancel each other out, while noise signals flowing in the same direction across both lines are blocked by high impedance.*
- ⤷
What is the difference between common mode and differential mode noise in these chokes?
- ⤷ Can this component be used in DC-to-DC converters?
- ⤷ What are the physical dimensions and lead pitch for PCB footprinting?