SS20H-R06200
AI

The **SS20H-R06200** is a common mode choke coil (inductor) primarily used for noise suppression in power supply circuits. It is manufactured by companies like KEMET (formerly Tokin).
### Technical Specifications
Below are the primary electronic characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Series** | SS20H |
| **Rated Current** | 0.6 A (Amperes) |
| **Inductance (min)** | 20.0 mH (Millihenries) |
| **DC Resistance (max)** | 1.10 $\Omega$ (per line) |
| **Rated Voltage** | 250 VAC |
| **Temperature Rise** | 45 K (Max) |
| **Operating Temperature** | -25°C to +120°C |
---
### Key Electronic Components & Features
#### 1. Core Material
The device utilizes a **High-Permeability Ferrite Core**. In the SS20H series, the "H" typically signifies a high-frequency material optimized to provide high impedance across a wide range of frequencies, effectively blocking electromagnetic interference (EMI).
#### 2. Winding Structure
* **Dual Windings:** It consists of two separate coils wound on a single core.
* **Common Mode Suppression:** The windings are arranged so that magnetic fluxes created by common-mode noise (noise traveling in the same direction on both lines) cancel each other out, creating high impedance to block the noise.
* **Differential Mode:** For the desired power signal (differential mode), the fluxes add up to zero, allowing the current to pass with minimal resistance.
#### 3. Physical Construction
* **Type:** Through-hole vertical mount.
* **Separated Bobbin:** The bobbin is designed to maintain high dielectric strength and insulation between the two coils to prevent arcing at 250V AC.
---
### Typical Applications
* **Switch Mode Power Supplies (SMPS):** Used at the AC input stage to prevent noise from the power supply from feeding back into the utility line.
* **Consumer Electronics:** Found in TVs, adapters, and office automation equipment.
* **EMI Filtering:** Essential for meeting regulatory standards (like FCC or CE) regarding radiated and conducted emissions.
---
### Identification Breakdown
* **SS:** Series Name (Standard Type)
* **20:** Core Size/Dimensions
* **H:** High Permeability Material
* **R:** RoHS Compliant
* **06:** Rated Current (0.6 Amperes)
* **200:** Inductance Value (20.0 mH)
- ⤷
What is the difference between common mode and differential mode noise in these chokes?
- ⤷ Can this component be used in DC-to-DC converters?
- ⤷ What are the physical dimensions and pin pitch of the SS20H series?