SS21V-R080200
AI

The **SS21V-R080200** is a high-performance, compact common mode choke coil (inductor) primarily manufactured by **KEMET** (formerly NEC/Tokin). It belongs to the SS series, which is designed for noise suppression in power supply circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Parameter | Value / Specification |
|:---|:---|
| **Rated Current** | 0.8 Amperes (800mA) |
| **Inductance (Min)** | 20.0 mH (Millihenries) |
| **DC Resistance (Max)** | 0.60 $\Omega$ |
| **Rated Voltage** | 250 VAC / 300 VDC |
| **Temperature Rise** | 45 K (Max) |
| **Operating Temp Range** | -25°C to +120°C |
---
### 2. Core Features & Construction
* **Core Material:** High-permeability Ferrite core (typically S15H or similar).
* **Structure:** Vertical mount configuration. The "V" in the part number indicates a vertical orientation, which saves valuable PCB real estate.
* **Bobbin Design:** Features a divided bobbin structure. This separation helps reduce parasitic capacitance between the windings, resulting in better high-frequency performance.
* **High Impedance:** Designed to provide high impedance across a wide frequency range to effectively block Electromagnetic Interference (EMI).
---
### 3. Applications
The SS21V series is commonly found in the input filter stage of power electronics to comply with EMI/EMC regulations (like CISPR or FCC).
* **Switch Mode Power Supplies (SMPS):** Used to prevent switching noise from leaking back into the AC power line.
* **Consumer Electronics:** Found in LED lighting drivers, televisions, and audio equipment.
* **Industrial Equipment:** Used in motor controllers and various power distribution units.
* **Office Automation:** Used in printers, copiers, and computing power bricks.
---
### 4. Part Number Breakdown (SS21V-R080200)
| Code | Meaning |
|:---|:---|
| **SS** | Series name (Small Size Choke) |
| **21** | Physical dimensions/frame size |
| **V** | Vertical mount type |
| **R** | RoHS compliant / High permeability series |
| **08** | Rated Current (0.8 Amps) |
| **0200** | Inductance value (20.0 mH) |
- ⤷What is the difference between the SS21V (vertical) and SS21H (horizontal) versions?
- ⤷ How do I calculate the cutoff frequency for this common mode choke?
- ⤷ What are the recommended soldering profiles for this component?