SS21V-R200036
AI

The **SS21V-R200036** is a common mode choke (inductor) manufactured by KEMET (formerly NEC TOKIN). It belongs to the **SS21V Series**, which is designed for noise suppression in power supply circuits.
---
### 1. Key Technical Specifications
The model number encodes specific electrical characteristics. Here is the breakdown:
| Parameter | Value / Description |
| :--- | :--- |
| **Series** | SS21V (Vertical Type) |
| **Rated Current** | 2.0 Amperes (AC/DC) |
| **Inductance (min)** | 3.6 mH |
| **DC Resistance (max)** | 0.150 Ω |
| **Rated Voltage** | 250 VAC |
| **Insulation Resistance** | 100 MΩ minimum (at 500 VDC) |
| **Operating Temp** | -25°C to +120°C |
---
### 2. Core Components and Design
* **Core Material:** This part utilizes a high-permeability **Ferrite Core** (S15H material). This material is optimized for high-frequency noise attenuation.
* **Winding Style:** It features a dual-winding configuration on a single core. The windings are arranged so that common-mode signals (noise) encounter high impedance, while differential-mode signals (intended power) encounter low impedance.
* **Mechanical Structure:**
* **Vertical Mount:** The "V" in SS21V indicates a vertical orientation, which saves PCB real estate.
* **Separated Bobbin:** The bobbin is split into two sections to ensure high dielectric strength between the two coils.
---
### 3. Applications
The SS21V-R200036 is primarily used as an **EMI (Electromagnetic Interference) Filter**. Common applications include:
1. **Switching Power Supplies:** Suppressing noise generated by high-frequency switching transistors.
2. **AC Adapters:** Ensuring consumer electronics comply with FCC or CE noise emission standards.
3. **Household Appliances:** Used in washing machines, air conditioners, and TVs to protect sensitive internal logic from line noise.
4. **Office Equipment:** Filtering noise in printers and photocopiers.
---
### 4. Circuit Symbol and Functionality
In a circuit diagram, it is represented as two coupled inductors on a single core:
```text
Line In o---( Coil 1 )---o Line Out
) )
Neutral o---( Coil 2 )---o Neutral Out
```
* **Common Mode Suppression:** It blocks noise that travels in the same direction on both lines (Phase and Neutral).
* **Low Power Loss:** Due to the low DC resistance (150mΩ), it manages 2 Amps of current with minimal heat dissipation.
---
- ⤷
What are the physical dimensions and lead pitch for the SS21V-R200036?
- ⤷ How does a common mode choke differ from a standard inductor in noise filtering?
- ⤷ What are the equivalent alternatives if this specific KEMET part is out of stock?