SS26V-R300038
AI

The **SS26V-R300038** is a specific model of a **Common Mode Choke Coil** manufactured by KEMET (formerly Tokin). These components are primarily used in power supply circuits to suppress electromagnetic interference (EMI).
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC Line Filter / Common Mode Choke |
| **Series** | SS26V (High permeability core) |
| **Rated Current** | 3.0 Amperes |
| **Inductance (min)** | 3.8 mH |
| **DC Resistance (max)** | 0.110 $\Omega$ |
| **Rated Voltage** | 250 VAC |
| **Temperature Range** | -25°C to +120°C |
---
### 2. Core Functions
The SS26V series is designed to handle noise in high-current power lines. Its primary roles include:
* **Common Mode Noise Suppression:** It blocks high-frequency noise that flows in the same direction on both power lines (Line and Neutral) while allowing the power frequency (50/60Hz) to pass through.
* **EMI Compliance:** Helps electronic devices meet regulatory standards (like FCC or CISPR) regarding electromagnetic radiation.
* **Circuit Protection:** Prevents external high-frequency interference from entering the sensitive internal electronics of a device.
---
### 3. Physical Construction
The "SS26V" designation refers to the physical frame and orientation:
* **Vertical Mount:** The "V" in the part number indicates a vertical orientation, which saves horizontal PCB space (footprint).
* **Split Bobbin Design:** It features a dual-winding structure on a high-performance ferrite core.
* **Dimensions:** Approximately 23mm x 19mm with a height of roughly 28.5mm.
---
### 4. Typical Applications
You will commonly find this component in the input stage of:
* Switching Mode Power Supplies (SMPS).
* LED Lighting drivers.
* Consumer electronics (TVs, Audio equipment).
* Office automation equipment (Printers, Copiers).
- ⤷
What is the difference between common mode and differential mode noise?
- ⤷ How does the 3.0A current rating affect the heat dissipation of this part?
- ⤷ Are there horizontal mounting alternatives to the SS26V series?