SSB11H-R17043
AI

The **SSB11H-R17043** is a high-performance common mode choke coil (inductor) primarily used for noise suppression in power supply circuits. It is manufactured by **KEMET** (formerly NEC TOKIN).
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. General Specifications
The SSB series is known for its compact size and high inductance-to-current ratio, making it ideal for EMI (Electromagnetic Interference) filtering.
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | SSB11H-R17043 |
| **Inductance (Min)** | 4.3 mH |
| **Rated Current (AC)** | 1.7 A |
| **DC Resistance (Max)** | 210 mΩ (per line) |
| **Temperature Rise (Max)** | 45 K |
| **Voltage Rating** | 250 VAC / 300 VDC |
| **Operating Temp Range** | -25°C to +120°C |
---
### 2. Physical Characteristics
This component is designed for through-hole mounting on Printed Circuit Boards (PCBs).
* **Core Material:** Ferrite (High permeability manganese-zinc or nickel-zinc base).
* **Structure:** Dual-winding on a single core (Hybrid coil structure).
* **Dimensions (Approx):** 18.0 mm (W) x 13.0 mm (D) x 18.5 mm (H).
* **Weight:** Approximately 8.3 grams.
---
### 3. Key Functions & Applications
#### Functional Role
The primary role of the SSB11H-R17043 is to act as a **Common Mode Filter**. It allows the desired differential currents (the power) to pass through while providing high impedance to unwanted common-mode noise (EMI/RFI) that travels in the same direction on both lines.
#### Common Applications
* **Switching Power Supplies (SMPS):** Filtering AC line input noise.
* **LED Lighting:** Preventing high-frequency noise from entering the power grid.
* **Home Appliances:** Used in TVs, air conditioners, and PCs.
* **Industrial Equipment:** Protecting sensitive control circuits from line interference.
---
### 4. Technical Advantages
1. **High Impedance:** Provides excellent attenuation across a broad frequency range.
2. **Compact Footprint:** High current capacity (1.7A) relative to its small physical size.
3. **Low Profile:** Suitable for space-constrained electronics.
4. **Safety Compliance:** Designed to meet standard insulation requirements for AC line applications.
- ⤷
What is the difference between common mode and differential mode noise in this context?
- ⤷ Can this inductor be used in DC-DC converters
- ⤷ or is it strictly for AC?
- ⤷ What are the recommended soldering conditions for the SSB11H series?