Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SSHB10HS-R06330

  • AI
    The **SSHB10HS-R06330** is a high-performance, dual-mode common mode choke manufactured by **KEMET**. It belongs to the SSHB series, which is specifically designed for noise suppression in compact electronic power supplies. --- ### 1. Technical Specifications The following table highlights the core electrical and physical characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Inductance (Min)** | 33.0 mH | | **Rated Current (AC)** | 0.6 A | | **DC Resistance (Max)** | 1.10 Ω | | **Rated Voltage (AC)** | 250 VAC | | **Temperature Rise (Max)** | 45 K | | **Operating Temperature** | -25°C to +120°C | | **Terminal Type** | Through-Hole (PC Pins) | --- ### 2. Key Features and Materials * **Hybrid Core Material:** The SSHB series utilizes a proprietary ferrite core that offers a unique balance between high permeability and high saturation flux density. * **Dual Mode Functionality:** This part provides both **common mode** noise suppression (noise traveling in the same direction on both lines) and **differential mode** noise suppression (noise traveling in opposite directions) in a single unit. * **Compact Vertical Design:** The "HS" suffix indicates a vertical orientation, which saves significant PCB real estate in dense power supply layouts. * **High Reliability:** It is designed for high-temperature environments, making it suitable for industrial and long-life consumer electronics. --- ### 3. Application Use Cases This component is typically found in the EMI (Electromagnetic Interference) filter stage of AC/DC power converters. * **LED Lighting:** Used to prevent high-frequency switching noise from entering the power grid. * **Switch Mode Power Supplies (SMPS):** Standard filtering for servers, PC power units, and adapters. * **Audio-Visual Equipment:** Ensuring clean power delivery to sensitive analog and digital circuits. * **Office Automation:** Printers and scanners where electromagnetic compatibility (EMC) compliance is required. --- ### 4. Circuit Diagram Representation In a schematic, the SSHB10HS-R06330 is represented as two coupled inductors on a single core: ```text Line In (1) ----( L1 )---- Line Out (2) :: :: (Common Core) :: Neutral In (4) --( L2 )---- Neutral Out (3) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SSHB10HS and SSHB10H series?
    • ⤷ Can this choke be used in DC-to-DC converter applications?
    • ⤷ How do I calculate the thermal derating for this part at temperatures above 100°C?