SSHB10HS-R10122
AI

## Detailed Overview: SSHB10HS-R10122
The **SSHB10HS-R10122** is a high-performance **Common Mode Choke** (Dual Coil Filter) manufactured by KEMET. It is designed for electromagnetic interference (EMI) suppression in power supply circuits.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Min)** | 12.2 mH |
| **Rated Current (AC)** | 1.0 A |
| **Rated Voltage (AC)** | 250 VAC |
| **DC Resistance (Max)** | 0.45 Ω (per line) |
| **Temperature Range** | -25°C to +120°C |
| **Mounting Type** | Through-Hole (Vertical) |
| **Core Material** | Hybrid High-Permeability Ferrite |
---
### 2. Key Features
* **Hybrid Material Formulation:** Utilizes a proprietary ferrite material that effectively suppresses both common-mode and normal-mode noise simultaneously.
* **Compact Design:** The "HS" designation indicates a vertical terminal configuration, which saves significant PCB real estate compared to horizontal models.
* **High Temperature Stability:** Rated up to 120°C, making it suitable for compact, high-heat power adapters.
* **Safety Compliance:** Designed to meet standard safety requirements for power line filtering.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify specific variations:
| Segment | Meaning |
| :--- | :--- |
| **SSHB** | Series Name (High Permeability Hybrid Choke) |
| **10** | Core Size (Size 10) |
| **HS** | Terminal Orientation (Vertical Type) |
| **R** | Rated Current Indicator |
| **10** | Rated Current (1.0 Ampere) |
| **122** | Inductance Value ($12 \times 10^2 = 1200 \mu H$, though standardized to 12.2 mH) |
---
### 4. Common Applications
This component is typically found in the input stage of power electronics to prevent electrical noise from leaking back into the power grid:
* **Switch Mode Power Supplies (SMPS):** Used in AC/DC converters for PCs and servers.
* **LED Lighting:** Suppressing noise in high-frequency LED drivers.
* **Consumer Electronics:** Power boards for TVs, audio systems, and white goods.
* **Industrial Equipment:** Small-scale automation power modules.
- ⤷
What is the difference between the HS (vertical) and H (horizontal) versions of this choke?
- ⤷ How does the hybrid material compare to standard Mn-Zn ferrite cores in EMI suppression?
- ⤷ Can this part be used for DC-to-DC filtering applications?