SSHB10HS-R13071
AI

## Detailed Technical Analysis: SSHB10HS-R13071
The **SSHB10HS-R13071** is a high-performance **Common Mode Choke** (dual-mode choke) manufactured by KEMET. It is designed specifically for noise suppression in electronic circuits, primarily in power supply lines.
---
### 1. General Specifications
This component belongs to the SSHB series, which utilizes high-permeability core materials to achieve excellent noise attenuation in a compact form factor.
| Parameter | Value / Specification |
| :--- | :--- |
| **Manufacturer** | KEMET |
| **Component Type** | Common Mode Choke (Dual Mode) |
| **Rated Current** | 1.3 Amperes (A) |
| **Inductance (Min)** | 7.1 mH |
| **DC Resistance (Max)** | 280 mΩ |
| **Rated Voltage** | 250 VAC / VDC |
| **Temperature Rise** | 45 K (Max) |
| **Operating Temperature** | -25°C to +120°C |
---
### 2. Core Features and Functionality
The "HS" designation in the part number indicates a specific hybrid core structure that allows the device to handle two types of noise simultaneously:
1. **Common Mode Noise:** Noise that flows in the same direction on both power lines.
2. **Differential Mode Noise:** Noise that flows in opposite directions.
**Key Advantages:**
* **High Permeability:** Uses a 7HT core material which provides high impedance at low frequencies.
* **Compact Footprint:** The "HS" (Horizontal Standard) orientation allows for a low profile on the PCB.
* **Integrated Design:** By combining common and differential mode suppression, it reduces the total component count on a circuit board.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **SSHB**: Series name (High permeability, Hybrid Dual-Mode).
* **10**: Core size code.
* **HS**: Configuration (Horizontal type, Standard winding).
* **R13**: Rated current (R13 = 1.3 Amperes).
* **071**: Inductance value (071 = 7.1 mH).
---
### 4. Typical Applications
This component is widely used in power conversion and sensitive electronics:
* **Switch Mode Power Supplies (SMPS):** Filtering AC line noise.
* **LED Lighting:** Preventing flicker and EMI compliance.
* **Home Appliances:** Reducing noise generated by motors or internal switching.
* **Audio/Visual Equipment:** Protecting sensitive signal paths from power line interference.
---
### 5. Mechanical Dimensions (Typical)
* **Orientation:** Horizontal (leads exit the side, making the component "lay flat").
* **Pitch:** Standard 13mm x 10mm (approximate, check datasheet for exact lead spacing).
---
- ⤷
What is the difference between a common mode choke and a differential mode choke?
- ⤷ How does the 7HT core material compare to standard ferrite cores in EMI suppression?
- ⤷ Can this component be used in DC-to-DC converters
- ⤷ or is it strictly for AC lines?