SSL0804HC
AI

The **SSL0804HC** series refers to a specific type of **SMD (Surface Mount Device) Power Inductor**. These components are widely used in power management circuits to store energy in a magnetic field and filter high-frequency noise.
---
## 1. Technical Specifications
The part number follows a standard nomenclature. Below is a breakdown of the typical characteristics for the SSL0804HC series:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Unshielded Power Inductor |
| **Dimensions** | Approx. 12.9mm (L) x 9.4mm (W) x 5.2mm (H) |
| **Inductance Range** | Typically 1.0µH to 1000µH |
| **Current Rating** | High Current (HC), ranging from 0.1A to 9.0A+ |
| **Operating Temp** | -40°C to +125°C |
| **Core Material** | Ferrite |
---
## 2. Key Characteristics
The "HC" suffix stands for **High Current**, which distinguishes this part from standard inductors of the same size.
### Low DC Resistance (DCR)
By using thicker copper wire windings, these inductors minimize power loss through heat, ensuring higher efficiency in power conversion.
### High Saturation Current
The ferrite core is designed to handle high peak currents without the inductance dropping significantly (saturation). This is critical for stable voltage regulation under heavy loads.
### Robust Construction
The base is usually made of a liquid crystal polymer (LCP) or similar heat-resistant plastic, with flat tin-plated copper leads for secure soldering to PCBs.
---
## 3. Common Applications
Due to their high current handling and compact footprint, they are found in:
* **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators.
* **Power Supplies:** Common in laptop adapters, server power rails, and industrial electronics.
* **Filtering:** Used in EMI/RFI suppression circuits to clean up "noisy" power lines.
* **LED Drivers:** Providing steady current to high-brightness LED arrays.
---
## 4. Typical Part Number Decoding
While specific manufacturers (like Sumida or Pulse) may vary slightly, the code usually breaks down as:
* **SSL:** Series name (Shielded/Unshielded inductor).
* **0804:** Physical size code (roughly 8mm x 4mm height category, though actual footprint is often larger).
* **HC:** High Current capability.
- ⤷
What is the difference between a shielded and unshielded inductor like the SSL0804HC?
- ⤷ How do I calculate the saturation current needed for my circuit?
- ⤷ What are the recommended soldering profiles for SMD power inductors?