Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SSL21082T

  • AI
    ## SSL21082T: High-Voltage LED Driver IC The **SSL21082T** is a highly integrated, high-voltage Power Switch IC designed by NXP Semiconductors. It is specifically engineered to drive LED lamps in non-isolated, high-efficiency applications (such as buck converters). --- ### 1. Key Technical Specifications The SSL21082T combines a controller and a high-voltage power MOSFET into a single SO8 package. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 100V to 230V AC (Mains) | | **Internal MOSFET $V_{DS}$** | Up to 300V or 600V (depending on variant) | | **Topology** | Non-isolated Buck converter | | **Control Method** | Boundary Conduction Mode (BCM) | | **Package** | SO8 (Small Outline) | | **Efficiency** | Up to 95% | --- ### 2. Internal Electronic Functional Blocks To understand how the chip operates, it is helpful to look at its internal architecture: 1. **High-Voltage Power Switch:** An integrated MOSFET that reduces the need for external power components, saving PCB space. 2. **Current Sense Circuit:** Monitors the current flowing through the LED string to ensure constant current output. 3. **Internal Supply (VCC):** The chip can start up directly from the high-voltage line, eliminating the need for an external bleed resistor or auxiliary winding. 4. **Oscillator/Logic:** Controls the switching frequency based on the **Boundary Conduction Mode**, which reduces switching losses and electromagnetic interference (EMI). --- ### 3. Protection Features The SSL21082T includes several integrated safety mechanisms to protect the electronic circuit: * **Under-Voltage Lockout (UVLO):** Prevents the IC from operating if the supply voltage is too low. * **Over-Temperature Protection (OTP):** Automatically shuts down or reduces current if the chip becomes too hot. * **Short-Winding Protection (SWP):** Protects the MOSFET against shorted inductor turns. * **Internal Over-Voltage Protection (OVP):** Protects the circuit if the LED load becomes an open circuit. --- ### 4. Typical Application Circuit In a standard LED bulb application, the SSL21082T is surrounded by a few critical external components: ```mermaid graph LR Input[AC Mains] --> Rectifier[Bridge Rectifier] Rectifier --> SSL21082T[SSL21082T IC] SSL21082T --> Inductor[Power Inductor] Inductor --> LEDs[LED String] LEDs --> Feedback[Sense Resistor] Feedback --> SSL21082T ``` 1. **Inductor:** Stores energy during the "ON" phase and releases it to the LEDs during the "OFF" phase. 2. **Sense Resistor ($R_{sense}$):** A low-value resistor that sets the output current level. 3. **Freewheeling Diode:** Allows current to continue flowing through the LEDs when the internal MOSFET is off. --- ### 5. Benefits for Electronic Design * **Low Component Count:** Because the MOSFET and start-up circuitry are internal, the total Bill of Materials (BOM) is very small. * **Compact Size:** The SO8 package allows for very small LED driver boards that fit inside standard bulb bases (e.g., E27 or GU10). * **High Power Factor:** When configured correctly, it can achieve a high power factor (PF > 0.9).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SSL21081
    • ⤷ SSL21082
    • ⤷ and SSL21083 variants?
    • ⤷ How do you calculate the Sense Resistor value for a specific LED current?
    • ⤷ Can the SSL21082T be used in a dimmable LED driver application?