SSL40C
AI

The **SSL40C** is a series of open-frame, AC-DC switching power supplies manufactured by Artesyn Embedded Power (now part of Advanced Energy). These units are designed for space-constrained applications, offering high reliability in a compact 2" x 4" footprint.
---
### 1. Key Technical Specifications
The "40C" designation refers to its 40-watt power rating under convection cooling. Below are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 90 - 264 VAC (Universal Input) |
| **Output Power** | 40W (Convection), Up to 50W (with 30CFM Airflow) |
| **Typical Efficiency** | 70% - 85% (Model dependent) |
| **Form Factor** | 2.0" x 4.0" x 1.2" (Open Frame) |
| **Safety Certifications** | UL60950, CSA22.2, VDE, CE Mark (LVD) |
| **MTBF** | >550,000 hours at full load |
---
### 2. Core Electronic Components
The SSL40C utilizes a **Flyback Topology** for power conversion. The primary internal sections include:
#### A. Input Filtering & Rectification
* **EMI Filter:** A combination of X/Y capacitors and common-mode chokes to minimize electromagnetic interference.
* **Bridge Rectifier:** Converts AC input to high-voltage DC.
* **Inrush Current Limiter:** Usually a thermistor to prevent damage during initial power-up.
#### B. Power Conversion Stage
* **PWM Controller IC:** Regulates the duty cycle to maintain a stable output voltage.
* **Switching MOSFET:** High-speed transistor that "chops" the DC voltage into high-frequency pulses.
* **Power Transformer:** Provides galvanic isolation between the input (primary) and output (secondary) sides.
#### C. Secondary Rectification & Feedback
* **Schottky Diodes:** Used for high-frequency rectification of the transformer output.
* **Filter Capacitors:** High-quality electrolytic capacitors to smooth ripples.
* **Optocoupler:** Provides a feedback loop to the PWM controller while maintaining electrical isolation, ensuring output voltage stability.
---
### 3. Protection Features
The SSL40C is engineered with several safety mechanisms to prevent damage to the connected electronics:
1. **Overvoltage Protection (OVP):** Shuts down the unit if the output voltage exceeds a safe threshold (typically 110-135% of nominal).
2. **Short Circuit Protection:** Features "Hiccup mode," where the power supply tries to restart periodically after a short is detected.
3. **Overload Protection:** Limits the current to prevent overheating and component failure.
---
### 4. Common Model Variations
The SSL40C comes in different output configurations. Common examples include:
| Model Number | Output Voltage | Max Current (Convection) |
| :--- | :--- | :--- |
| **SSL40C-7605** | 5.0 V | 8.0 A |
| **SSL40C-7612** | 12.0 V | 3.3 A |
| **SSL40C-7615** | 15.0 V | 2.7 A |
| **SSL40C-7624** | 24.0 V | 1.7 A |
---
- ⤷
How do I calculate the derating curve if the ambient temperature exceeds 50°C?
- ⤷ What are the specific connector types used for the J1 and J2 headers?
- ⤷ Can the SSL40C be used in medical applications or is it strictly for ITE?