Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SSM2212CPZ-R7

  • AI
    ## SSM2212CPZ-R7: Dual NPN Matched Transistor The **SSM2212CPZ-R7** is a high-performance, dual NPN matched transistor pair manufactured by Analog Devices. It is designed specifically for high-end audio and precision instrumentation applications where low noise and tight matching are critical. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Transistor Type** | Dual NPN (Matched Pair) | | **Package** | 8-Lead LFCSP (3mm x 3mm) | | **Low Voltage Noise** | 1.1 nV/√Hz @ 1 kHz (Typical) | | **High Gain (hFE)** | ~200 | | **Offset Voltage (VOS)** | 100 μV (Maximum) | | **Collector Current (IC)** | 20 mA (Maximum) | | **Operating Temp Range** | -40°C to +85°C | --- ### Core Electronic Characteristics #### 1. Precision Matching The primary value of the SSM2212 is the internal matching of the two transistors. By manufacturing them on the same monolithic die, they exhibit near-identical thermal and electrical behavior. This results in: * **Low Offset:** Minimal voltage difference between the bases. * **Thermal Tracking:** If the temperature changes, both transistors drift together, maintaining circuit stability. #### 2. Ultra-Low Noise With a noise density of **1.1 nV/√Hz**, this part is one of the quietest transistors available. This makes it an ideal "front-end" component for pre-amplifiers where amplifying a weak signal without adding hiss is essential. #### 3. Logarithmic Conformance The device maintains a very high degree of linearity between the base-emitter voltage ($V_{BE}$) and the collector current ($I_C$). This makes it suitable for **Logarithmic Amplifiers** and voltage-controlled oscillators (VCOs). --- ### Typical Applications 1. **Audio Preamplifiers:** Used in professional microphone preamps and high-fidelity phono stages. 2. **Differential Amplifiers:** The matched pair is perfect for the input stage of an operational amplifier (Long-Tailed Pair). 3. **Current Mirrors:** Ensuring highly accurate current replication in precision analog circuits. 4. **Synthesizers:** Used in music synthesis for exponential converters (V/Octave). --- ### Pinout Configuration (8-LFCSP) ```text Top View +---------+ C1 | 1 8 | C2 B1 | 2 7 | B2 E1 | 3 6 | E2 NC | 4 5 | NC +---------+ (NC = No Connection) ```
    ✨ Follow-up Questions
    • ⤷ How does the SSM2212 compare to the older SSM2210 or MAT02?
    • ⤷ What are the advantages of the LFCSP package for this specific transistor?
    • ⤷ Can this device be used as a high-speed switch
    • ⤷ or is it strictly for linear applications?