Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SSM2212RZ-R7

  • AI
    ## Technical Overview: SSM2212RZ-R7 The **SSM2212RZ-R7** is a high-performance, dual NPN matched transistor pair manufactured by Analog Devices. It is specifically designed for high-end audio applications and precision instrumentation where low noise and high linearity are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the SSM2212RZ-R7: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Transistor Type** | NPN (Dual Matched) | Two identical transistors on a single chip. | | **Voltage ($V_{CEO}$)** | 40 V (Max) | Maximum Collector-to-Emitter voltage. | | **Current ($I_C$)** | 20 mA (Max) | Maximum continuous Collector current. | | **Noise Voltage** | 0.5 nV/√Hz | Ultra-low voltage noise density at 1 kHz. | | **Gain ($h_{FE}$)** | 300 to 600 | High current gain for signal amplification. | | **Matching Offset** | 200 $\mu$V (Max) | Extremely low $V_{BE}$ mismatch between pairs. | | **Package** | SOIC-8 | Surface-mount 8-pin package (R7 denotes 7" reel). | --- ### 2. Core Functional Features * **Exceptional Matching:** Because both transistors are fabricated on the same monolithic substrate, they exhibit nearly identical thermal and electrical behavior. This is vital for minimizing offset and drift in differential circuits. * **Ultra-Low Noise:** The 0.5 nV/√Hz noise figure makes it one of the quietest transistors available, ideal for moving-coil (MC) phono preamplifiers and microphone preamps. * **High Linearity:** It maintains consistent gain ($h_{FE}$) over a wide range of collector currents, reducing total harmonic distortion (THD). * **Logarithmic Conformance:** It is highly accurate for use in log-amp circuits, providing a precise exponential relationship between voltage and current. --- ### 3. Common Applications The SSM2212RZ-R7 is typically used in the following electronic circuits: 1. **Audio Preamplifiers:** Used in the input stage of high-end mixers and recording equipment. 2. **Current Mirrors:** Utilizing the matched $V_{BE}$ to create highly stable current sources. 3. **Differential Amplifiers:** Minimizing DC offset errors in precision analog signal paths. 4. **Voltage-Controlled Amplifiers (VCAs):** Common in synthesizers and signal processing. 5. **Logarithmic Converters:** Converting linear signals to decibel scales for metering. --- ### 4. Pin Configuration (SOIC-8) | Pin No. | Label | Function | | :--- | :--- | :--- | | 1 | C1 | Collector of Transistor 1 | | 2 | B1 | Base of Transistor 1 | | 3 | E1 | Emitter of Transistor 1 | | 4 | NC/Sub | No Connect / Substrate | | 5 | E2 | Emitter of Transistor 2 | | 6 | B2 | Base of Transistor 2 | | 7 | C2 | Collector of Transistor 2 | | 8 | NC | No Connect | ---
    ✨ Follow-up Questions
    • ⤷How does the SSM2212 compare to the older MAT02 or SSM2210 models?
    • ⤷ What are the layout best practices for minimizing noise with this component?
    • ⤷ Can this part be used in low-power battery applications given its specs?