Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SSM2804CBZ-R7

  • AI
    ## SSM2804CBZ-R7: Technical Overview The **SSM2804CBZ-R7** is a high-efficiency, filterless Class-D audio power amplifier manufactured by **Analog Devices**. It is specifically designed for mobile applications where space is limited and power efficiency is critical. --- ### 1. Key Technical Specifications The following table summarizes the core electronic parameters of the SSM2804: | Feature | Specification | | :--- | :--- | | **Amplifier Class** | Class-D | | **Output Channels** | 2 (Stereo) | | **Max Output Power** | 1.4 W per channel (into 8 $\Omega$) | | **Voltage Supply Range** | 2.5V to 5.5V | | **SNR (Signal-to-Noise Ratio)** | 93 dB | | **THD + N** | 0.04% (Typical at 1W) | | **Package Type** | 9-ball WLCSP (Wafer Level Chip Scale Package) | | **Quiescent Current** | ~2.5 mA | --- ### 2. Functional Description The SSM2804 is an integrated circuit (IC) that converts low-power analog audio signals into high-power signals to drive speakers. #### Major Components & Features: * **Filterless Design:** It utilizes a proprietary $\Delta\Sigma$ (Delta-Sigma) modulation scheme. This allows the IC to drive speakers directly without the need for bulky external LC low-pass filters, significantly reducing the Bill of Materials (BOM) cost and PCB footprint. * **Edge Rate Control (ERC):** To combat Electromagnetic Interference (EMI), the device incorporates circuitry to manage the switching speed of the output transistors, minimizing high-frequency radiation. * **Comprehensive Protection:** The chip includes internal protection against: * Short circuits at the output. * Thermal overload (Automatic shutdown if the chip gets too hot). * Under-voltage lockout. --- ### 3. Pin Configuration (Internal Mapping) The 9-ball WLCSP layout is typically organized in a grid. Below is a conceptual representation of the pin categories: | Pin Category | Function | | :--- | :--- | | **VDD / GND** | Power supply input and system ground. | | **IN_L / IN_R** | Differential analog audio inputs for Left and Right channels. | | **OUT_L / OUT_R** | PWM (Pulse Width Modulation) outputs to the speakers. | | **SD / SHDN** | Shutdown pin to put the device into low-power standby mode. | --- ### 4. Typical Application Circuit A simplified implementation requires very few external components (mostly decoupling capacitors). ```c // Conceptual Component Layout [Audio Source] -> [Input Caps 0.1uF] -> [SSM2804 Inputs] [SSM2804 Outputs] -> [Ferrite Beads (Optional)] -> [Speakers] [Power Supply] -> [Decoupling Caps 10uF/0.1uF] -> [VDD Pin] ``` --- ### 5. Summary of Use Cases Due to its small size and high efficiency, it is primarily used in: * Smartphones and Tablets. * Portable Gaming Consoles. * Portable Medical Instruments. * Small Bluetooth Speakers.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of a filterless Class-D amplifier compared to traditional Class-AB?
    • ⤷ How does the 'R7' suffix in the part number affect the packaging or quantity?
    • ⤷ What is the recommended layout strategy to minimize EMI for the SSM2804?