Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SSM3515CCBZ-R7

  • AI
    ## Technical Overview of the SSM3515CCBZ-R7 The **SSM3515CCBZ-R7** is a high-efficiency, mono Class-D audio amplifier manufactured by Analog Devices. It is specifically designed for mobile and battery-powered applications where power consumption and space are critical factors. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Power** | 8.4 W into 4 $\Omega$ (at 12V), 3.1 W into 4 $\Omega$ (at 5V) | | **Supply Voltage (PVDD)** | 4.5 V to 12.6 V | | **Interface** | I2C control and I2S/TDM digital audio input | | **Efficiency** | > 90% (into 8 $\Omega$ load) | | **Signal-to-Noise Ratio** | 102 dB (A-weighted) | | **Package Type** | 20-ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture of the SSM3515 consists of several sophisticated electronic subsystems: #### A. Digital-to-Analog Path The device accepts digital audio streams via **I2S** or **TDM** (Time Division Multiplexed) interfaces. It features an integrated Digital-to-Analog Converter (DAC) and a digital Sigma-Delta modulator that converts the digital signal into a high-frequency PWM (Pulse Width Modulation) signal. #### B. Class-D Output Stage Unlike traditional Class-AB amplifiers that dissipate heat, this Class-D stage acts as a high-speed switch. It uses internal MOSFETs to drive the speaker, resulting in minimal power loss and high thermal efficiency. #### C. Control and Diagnostic Logic The chip includes an **I2C interface** used for: * **Volume Control:** Precise digital gain adjustment. * **Limiter/Compression:** Protecting the speaker from clipping or over-excursion. * **Diagnostics:** Monitoring for short circuits, over-temperature, and under-voltage conditions. --- ### 3. Application Areas The SSM3515 is typically found in the following electronic devices: 1. **Mobile Phones:** Driving the main loudspeaker. 2. **Portable Bluetooth Speakers:** Where battery life is the priority. 3. **Laptops/Tablets:** Providing high output in a tiny physical footprint. 4. **IoT Devices:** Smart home assistants and voice-controlled electronics. --- ### 4. Circuit Implementation (Typical Block) ```mermaid graph LR A[Digital Audio Source] -->|I2S/TDM| B[SSM3515 IC] C[Host Processor] -->|I2C Control| B D[Battery/Power] -->|4.5V - 12V| B B -->|Filterless Output| E[Speaker] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the advantages of using a WLCSP package for this amplifier?
    • ⤷ How does the 'Filterless' technology work in the SSM3515?
    • ⤷ What is the maximum TDM channel support for this chip?