SSM6322ACPZ-R2
AI

## SSM6322ACPZ-R2 Technical Overview
The **SSM6322ACPZ-R2** is a high-performance, dual-channel audio operational amplifier designed specifically for high-fidelity headphone driving and professional audio applications. It is manufactured by **Analog Devices**.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Dual High Current Audio Operational Amplifier |
| **Supply Voltage Range** | ±2.5 V to ±9 V |
| **Output Current** | Up to 250 mA |
| **THD + N** | -122 dB at 1 kHz |
| **Slew Rate** | 15 V/µs |
| **Package** | 24-lead LFCSP (Lead Frame Chip Scale Package) |
| **Bandwidth** | 20 MHz |
---
### Core Electronic Characteristics
#### 1. High Output Current Drive
The standout feature of the SSM6322 is its ability to deliver up to **250 mA** of peak current. This allows it to drive low-impedance headphones (e.g., 16 $\Omega$ or 32 $\Omega$) directly with extremely low distortion, eliminating the need for a separate buffer stage.
#### 2. Ultra-Low Distortion (THD+N)
It is engineered for "audiophile" grade performance. The Total Harmonic Distortion plus Noise (THD+N) is rated at **-122 dB**, ensuring that the audio signal remains transparent even under heavy loads.
#### 3. Integrated Protection
The chip includes several internal safety mechanisms to protect both the IC and the connected hardware:
* **Thermal Shutdown:** Prevents damage from overheating.
* **Short-Circuit Protection:** Protects the output stages if the headphone jack is shorted.
#### 4. Low Noise Floor
With a voltage noise density of approximately **1.5 nV/√Hz**, the SSM6322 ensures that there is no audible "hiss" during quiet passages in music, making it ideal for High-Resolution Audio (HRA) systems.
---
### Pin Configuration (Top View)
The device uses a 4mm x 4mm LFCSP package. Key pin functions include:
* **V+ / V-**: Power supply inputs (Dual supply recommended for best performance).
* **IN+ / IN-**: Non-inverting and inverting inputs for channels A and B.
* **OUT A / OUT B**: High-current output pins.
* **Exposed Pad (EPAD)**: Must be soldered to the PCB ground plane for thermal dissipation.
---
### Common Applications
1. **High-Fidelity Headphone Amps:** Portable and desktop DAC/Amps.
2. **Professional Audio Mixers:** High-quality line drivers.
3. **Active Crossovers:** Precision signal splitting.
4. **Test Equipment:** Low-distortion signal generation.
- ⤷
What are the recommended decoupling capacitor values for the SSM6322 power rails?
- ⤷ How does the SSM6322 compare to the OPA1612 in terms of output current?
- ⤷ Is it possible to use the SSM6322 with a single-sided power supply?