SSR-40DA-H-R
AI

The **SSR-40DA-H-R** is a specific type of Solid State Relay (SSR) designed for high-voltage industrial applications. Unlike traditional electromechanical relays, it has no moving parts, resulting in a faster response time and a significantly longer lifespan.
### 1. Breakdown of the Model Name
The alphanumeric code follows a standard naming convention for Solid State Relays:
| Component | Meaning | Specifics for this Model |
| :--- | :--- | :--- |
| **SSR** | Device Type | Solid State Relay |
| **40** | Rated Current | 40 Amperes |
| **D** | Input Type | DC Control Signal |
| **A** | Output Type | AC Load |
| **H** | High Voltage | Rated for higher AC voltages (up to 480V) |
| **R** | Switching Type | **Random Turn-On** (Instantaneous switching) |
---
### 2. Key Technical Specifications
The "R" suffix is critical as it distinguishes this unit from standard "Zero-Crossing" relays.
| Parameter | Specification |
| :--- | :--- |
| **Control Voltage (Input)** | 3 - 32 VDC |
| **Load Voltage (Output)** | 90 - 480 VAC |
| **Max Load Current** | 40A (Requires a heat sink) |
| **Switching Type** | Random Turn-On |
| **Response Time** | < 1ms |
| **Dielectric Strength** | 2500 VAC |
---
### 3. Internal Electronic Components
The SSR-40DA-H-R is composed of three primary stages:
1. **Input Circuit (Opto-Isolator):**
* Consists of an LED and a photosensitive receiver.
* **Purpose:** Provides electrical isolation (usually up to 2.5kV) between the low-voltage DC control side and the high-voltage AC load side.
2. **Trigger Circuit (Random Phase):**
* Because this is an **"R" (Random)** model, the internal circuit triggers the output immediately upon receiving the DC signal, regardless of the AC sine wave's position.
* **Best for:** Inductive loads (motors, transformers) where phase control or precise timing is required.
3. **Output Switching (TRIAC/SCR):**
* Utilizes high-power semiconductors (usually back-to-back SCRs) to handle the 40A current.
* **Thermal Management:** Since semiconductors generate heat due to internal resistance ($V_{drop} \times I_{load}$), this part must be mounted on an aluminum heat sink with thermal paste.
---
### 4. Advantages vs. Disadvantages
* **Advantages:**
* No mechanical wear or contact sparking (safe for explosive environments).
* Silent operation.
* Compatible with PWM (Pulse Width Modulation) for dimming or speed control.
* **Disadvantages:**
* Requires significant cooling (Heat Sink + Fan).
* Leakage current exists even in the "OFF" state.
* Susceptible to damage from voltage surges (requires an external MOV or snubber).
- ⤷
What is the difference between Zero-Crossing and Random Turn-On switching?
- ⤷ How do I calculate the heat sink size for a 40A SSR?
- ⤷ Why is an MOV (Metal Oxide Varistor) recommended for this relay?