AI

## SSR-50AD-H-R: Technical Specifications and Component Analysis
The **SSR-50AD-H-R** is a high-power industrial Solid State Relay (SSR) designed for switching AC loads using a DC control signal. It is commonly used in industrial heating, motor control, and lighting systems.
### 1. Breakdown of the Model Code
To understand the electronic capabilities, we first break down the alphanumeric nomenclature:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SSR** | Device Type | Solid State Relay |
| **50** | Current Rating | 50 Amperes (Maximum Load) |
| **A** | Output Type | AC (Alternating Current) |
| **D** | Input/Control Type | DC (Direct Current Control Voltage) |
| **H** | Voltage Range | High Voltage (Usually up to 480V or 530V AC) |
| **R** | Switching Mode | **Random Turn-on** (Asynchronous) |
---
### 2. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Control Voltage (Input)** | 3 - 32 VDC |
| **Control Current** | 6 - 25 mA |
| **Load Voltage (Output)** | 90 - 480 VAC |
| **Rated Load Current** | 50 Amps |
| **Dielectric Strength** | 2500 VAC (Isolation between Input/Output) |
| **Switching Type** | Random Turn-on |
| **Status Indicator** | Integrated LED (shows when control signal is active) |
---
### 3. Internal Electronic Components
Internally, the SSR-50AD-H-R consists of several stages to ensure safe and efficient power switching:
#### A. Opto-Isolator (Input Stage)
The input uses an **Infrared LED** coupled with a **Phototransistor** or **Photo-Triac**. This provides electrical isolation (typically up to 2.5kV) between the low-voltage DC control circuit and the high-voltage AC load circuit.
#### B. Trigger Circuit (Random Turn-on)
Unlike "Zero-Crossing" SSRs that wait for the AC wave to hit 0V, the **-R (Random)** version triggers the output immediately upon receiving the DC signal.
* **Best for:** Inductive loads (motors, transformers) where a phase shift exists between voltage and current.
#### C. Power Switching Element (Output Stage)
The primary switching component is typically a **Triac** or a pair of **SCRs (Silicon Controlled Rectifiers)** connected in anti-parallel. These components handle the high current and high voltage of the load.
#### D. Protection Circuits
* **RC Snubber:** An internal Resistor-Capacitor network protects the SCRs from sudden voltage spikes ($dV/dt$) that could cause false triggering or damage.
* **Varistor (Optional/External):** Often used to protect against transient overvoltages.
---
### 4. Implementation Example
To control a 50A heater using a microcontroller (like an Arduino), the wiring logic follows this structure:
```cpp
// Simple Arduino pseudocode for triggering the SSR
const int ssrPin = 9;
void setup() {
pinMode(ssrPin, OUTPUT);
}
void loop() {
digitalWrite(ssrPin, HIGH); // SSR Turns ON immediately (Random trigger)
delay(5000); // Wait 5 seconds
digitalWrite(ssrPin, LOW); // SSR Turns OFF
delay(5000);
}
```
---
**Note:** Because this is a 50A device, it generates significant heat. It **must** be mounted on a properly sized **heat sink** with thermal paste to prevent thermal runaway and component failure.
- ⤷What is the difference between Random Turn-on and Zero-Cross SSRs?
- ⤷ How do I calculate the required heat sink size for a 50A SSR?
- ⤷ Can I use an SSR-50AD-H-R to control a 3-phase motor?