SSR-R25DD-H
AI

The **SSR-R25DD-H** is a DC-to-DC Single-Phase Solid State Relay. Unlike traditional mechanical relays, it uses semiconductor switching (Opto-couplers and MOSFETs) to control high-power loads without moving parts.
---
### 1. Technical Specifications
The model name "SSR-R25DD-H" follows a standard nomenclature used by manufacturers like Fotek or generic industrial brands.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Control Voltage (Input)** | 3 - 32 VDC | The signal used to trigger the relay. |
| **Load Voltage (Output)** | 5 - 220 VDC | The voltage range of the device being controlled. |
| **Rated Current** | 25 Amperes | The maximum continuous load current. |
| **Switching Type** | DC to DC | Uses a DC signal to switch a DC load. |
| **Isolation** | Photoelectric (Opto-isolated) | Protects the input circuit from high voltage. |
| **Response Time** | < 1ms | Much faster than mechanical relays. |
---
### 2. Key Internal Components
The internal electronic architecture consists of three main stages:
* **Input Stage (Optoisolator):** Contains an internal LED. When control voltage (3-32V) is applied, the LED glows, activating a light-sensitive transistor. This provides physical isolation between the low-power controller (like an Arduino/PLC) and the high-power load.
* **Trigger Circuit:** Processes the signal from the optoisolator and manages the "Gate" of the output semiconductor to ensure clean switching.
* **Output Stage (Power MOSFET/IGBT):** Since this is a **DD** (DC to DC) model, it typically utilizes a high-power MOSFET. This acts as the "switch" that allows current to flow through the load.
---
### 3. Wiring Diagram (Logic)
To connect the SSR-R25DD-H, use the following pin orientation:
```text
INPUT (Control) OUTPUT (Load)
[ Pin 3 (+) Pin 4 (-) ] [ Pin 1 (+) Pin 2 (-) ]
| | | |
(DC 3-32V Signal) (DC Power & Load)
```
---
### 4. Important Considerations
1. **Heat Dissipation:** A 25A load generates significant heat. If drawing more than 5-10A, you **must** use an external aluminum heat sink and thermal paste.
2. **Polarity Matters:** Unlike AC relays, DC SSRs have strict polarity requirements for both input and output. Reversing the output leads can damage the internal MOSFET.
3. **Voltage Drop:** There is a small voltage drop (approx. 1.0V - 1.6V) across the SSR when "ON," which is why it gets hot.
- ⤷
How do I calculate the heat sink size for a 25A SSR?
- ⤷ What is the difference between a DD and a DA SSR model?
- ⤷ Can I use this SSR to control a PWM signal for motor speed?