SSR-R25LA-H
AI

The **SSR-R25LA-H** is an Industrial Grade **Solid State Relay (SSR)** specifically designed for precise power control using an analog input signal. Unlike standard ON/OFF relays, this is a **Voltage Regulator** type SSR, commonly used for controlling resistive loads like heaters.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model** | SSR-R25LA-H |
| **Control Signal (Input)** | 4-20mA (Analog) |
| **Load Current** | 25A |
| **Load Voltage** | 90-480V AC (High Voltage Type "H") |
| **Output Type** | Phase Angle Control |
| **Isolation** | Optically Isolated |
---
### 2. Functional Components
The device consists of several critical electronic stages housed within its casing:
#### A. Input Circuit (4-20mA Loop)
The input uses a current-loop receiver. The 4-20mA signal is a standard industrial protocol.
* **4mA:** The SSR is fully OFF (0% output).
* **20mA:** The SSR is fully ON (100% output).
* **Linearity:** The internal circuit ensures the power delivered to the load is proportional to the input current.
#### B. Optical Isolation
To protect the sensitive PLC or controller providing the 4-20mA signal, the device uses an **Opto-coupler**. This converts the electrical signal to light and back to an electrical signal, providing thousands of volts of isolation between the control side and the high-voltage AC side.
#### C. Phase Angle Trigger Circuit
This is the "brain" of the SSR. Instead of simply turning on or off, it calculates the exact timing within the 50/60Hz AC sine wave to trigger the power component. By "clipping" the sine wave, it regulates the effective (RMS) voltage sent to the load.
#### D. Power Switching (TRIAC/Thyristor)
The heavy lifting is done by a high-power **Thyristor (SCR)** or **TRIAC**.
* **Heat Generation:** Because this component handles 25A, it generates significant heat.
* **Mounting:** It must be mounted on a **Heatsink** with thermal grease to prevent thermal runaway and destruction of the semiconductor.
---
### 3. Application Use Case
This specific model is most commonly found in **PID Temperature Control Systems**.
1. A Temperature Controller senses the heat.
2. It sends a **4-20mA** signal to the SSR-R25LA-H.
3. The SSR adjusts the intensity of the heating element (rather than just clicking it on and off), leading to extremely stable temperatures without "overshoot."
---
### 4. Safety and Installation Notes
* **High Voltage:** The "H" suffix denotes high voltage (up to 480V). Ensure all wiring meets local electrical codes.
* **Fuse Protection:** Semiconductors are sensitive to short circuits. It is recommended to use **Fast-Acting (Semiconductor) Fuses**.
* **Cooling:** For loads exceeding 10A, a heatsink is mandatory. For loads near 25A, active fan cooling may be required.
- ⤷
What is the difference between phase angle control and zero-cross triggering?
- ⤷ How do I calculate the required heatsink size for a 25A SSR?
- ⤷ Can this SSR be used to control the speed of an AC motor?