ST110S12P2VPBF
AI

## Overview of ST110S12P2VPBF
The **ST110S12P2VPBF** is a high-power phase-control thyristor (Silicon Controlled Rectifier or SCR) manufactured by Vishay. It is designed for heavy-duty industrial applications requiring high current and voltage handling capabilities.
---
### 1. Key Technical Specifications
The alphanumeric code provides specific details regarding its rating and physical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Thyristor (SCR) | Phase-control switching device |
| **$I_{T(AV)}$** | 110 A | Maximum Average On-State Current |
| **$V_{RRM} / V_{DRM}$** | 1200 V | Repetitive Peak Reverse/Off-state Voltage |
| **Package** | TO-209AC (TO-94) | Stud-mount metal case |
| **Mounting** | Stud Mount | Threaded base for heatsink attachment |
| **$I_{TSM}$** | 2250 A | Maximum Peak One-Cycle Non-Repetitive Surge Current |
| **$V_{TM}$** | 1.57 V | Maximum On-State Voltage Drop |
| **RoHS** | Lead-Free (PBF) | Complies with environmental standards |
---
### 2. Physical Construction and Pins
This device uses a **TO-209AC (TO-94)** package, which is a rugged, hermetically sealed metal "stud" package.
* **Anode (A):** The threaded metal stud is the Anode. This is typically screwed directly into a large aluminum heatsink.
* **Cathode (K):** The thick, heavy-duty flexible braided wire.
* **Gate (G):** The smaller, thinner wire used to trigger the device into conduction.
---
### 3. Operating Principle
As a **Phase-Control Thyristor**, the ST110S12P2VPBF acts as a controllable switch. It remains in a non-conducting state until a pulse of current is applied to the **Gate** terminal. Once triggered:
1. It begins conducting current from Anode to Cathode.
2. It continues to conduct even if the gate signal is removed.
3. It only stops conducting (turns off) when the current flowing through it drops below a specific "holding current" level, usually occurring when the AC voltage crosses zero.
---
### 4. Common Applications
Due to its high power rating, this part is commonly found in:
* **DC Motor Control:** Adjusting the speed of large industrial motors.
* **Battery Chargers:** High-capacity industrial charging systems.
* **Power Supplies:** Large-scale regulated power converters.
* **Welding Equipment:** Controlling the output current of arc welders.
* **Soft Starters:** Reducing the inrush current of AC motors.
---
### 5. Critical Installation Notes
* **Thermal Management:** Because the device handles up to 110A, it generates significant heat. Proper torque must be applied when screwing the stud into the heatsink to ensure optimal thermal contact.
* **Gate Protection:** A series resistor is often used in the gate circuit to prevent overcurrent damage to the sensitive gate junction.
- ⤷
What is the recommended torque for mounting the TO-209AC stud package?
- ⤷ How does the ST110S12P2VPBF compare to a standard Diode in terms of functionality?
- ⤷ What are the common failure modes for high-power SCRs like this one?