Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ST110S16P2VPBF

  • AI
    ## Electronic Overview: ST110S16P2VPBF The **ST110S16P2VPBF** is a high-power phase-control thyristor (also known as a Silicon Controlled Rectifier or SCR) manufactured by Vishay Semiconductors. It is designed for heavy-duty industrial switching and power conversion applications. --- ### 1. Key Technical Specifications Below are the primary electrical and thermal parameters for this device: | Parameter | Specification | Description | | :--- | :--- | :--- | | **$V_{DRM} / V_{RRM}$** | 1600 V | Peak Repetitive Forward/Reverse Voltage | | **$I_{T(AV)}$** | 110 A | Maximum Average On-State Current | | **$I_{T(RMS)}$** | 175 A | Maximum RMS On-State Current | | **$I_{TSM}$** | 2000 A | Non-repetitive Peak Surge Current (50Hz) | | **$V_{GT}$** | 3.0 V | Maximum Gate Trigger Voltage | | **$I_{GT}$** | 150 mA | Maximum Gate Trigger Current | | **Package** | TO-209AC (TO-94) | Stud Mount (Threaded bolt design) | | **Lead Free** | Yes (PBF suffix) | RoHS Compliant | --- ### 2. Physical Design and Packaging * **Form Factor:** It features a **Stud Mount** package. The base is a threaded bolt (Anode) that allows it to be screwed directly into a large heatsink for efficient thermal dissipation. * **Terminals:** * **Stud:** Anode (A) * **Thick Wire:** Cathode (K) * **Thin Wire:** Gate (G) * **Ruggedness:** Designed for high-vibration environments and high-torque mounting. --- ### 3. Core Functional Behavior As a **Phase-Control Thyristor**, the ST110S16P2VPBF acts as a controllable diode. 1. **Blocking State:** It blocks current in both directions until a pulse is applied to the Gate terminal. 2. **Conduction State:** Once triggered, it conducts current from Anode to Cathode with very low resistance. 3. **Latching:** It remains "ON" even if the gate signal is removed, provided the current stays above a specific "holding" level. 4. **Turn-Off:** It only turns off when the current flowing through it drops to near zero (Natural Commutation). --- ### 4. Common Applications Due to its high voltage rating (1600V) and high current capacity, it is used in: * **DC Motor Control:** Variable speed drives for industrial motors. * **Battery Chargers:** High-capacity industrial charging systems. * **Power Supplies:** Large scale AC-to-DC rectification. * **Welding Equipment:** Controlling the high-current output of arc welders. * **Soft Starters:** Reducing inrush current in heavy machinery. --- ### 5. Part Number Breakdown (Suffix Info) * **110:** Represents the average current ($I_{T(AV)}$). * **S:** Standard recovery time. * **16:** Voltage rating (16 x 100 = 1600V). * **P2V:** Specific mechanical housing/lead orientation. * **PBF:** Lead-free (RoHS) compliant.
    ✨ Follow-up Questions
    • ⤷ What is the recommended mounting torque for the TO-209AC stud package?
    • ⤷ How does this thyristor compare to a Triac in power handling?
    • ⤷ What cooling methods are typically required for 110A continuous operation?