ST207E104FART
AI

## ST207E104FART Component Overview
The **ST207E104FART** belongs to a specific category of passive components, specifically **Multilayer Ceramic Capacitors (MLCC)**. This part number follows a standard nomenclature used by manufacturers (like Samsung Electro-Mechanics) to define its electrical characteristics and physical dimensions.
---
### Technical Specifications Breakdown
The alphanumeric code reveals the specific electronic parameters of the part:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | ST | Standard MLCC Series |
| **Case Size** | 207 (Metric) | Equivalent to **0805** imperial (2.0 x 1.25 mm) |
| **Dielectric** | E | Typically **Y5V** (High capacitance, high temperature sensitivity) |
| **Capacitance Code** | 104 | **100,000 pF** or **0.1 µF** (10 followed by four zeros) |
| **Tolerance** | F | **± 1%** (High precision for this type) |
| **Voltage Rating** | A | **25V** (Maximum working DC voltage) |
| **Termination** | R | RoHS compliant Tin (Sn) plating over Nickel (Ni) |
| **Packaging** | T | Tape & Reel (7" reel) |
---
### Key Features
1. **High Capacitance Density:** The multilayer structure allows for a high capacitance value (0.1 µF) within a relatively small 0805 footprint.
2. **Surface Mount Technology (SMT):** Designed for automated pick-and-place assembly on Printed Circuit Boards (PCBs).
3. **Stability:** While Y5V dielectrics are generally for general purpose, the "F" tolerance indicates a tighter control over the nominal value compared to standard ±20% capacitors.
---
### Common Applications
This component is typically used in electronic circuits for the following purposes:
* **Decoupling:** Placed near Integrated Circuits (ICs) to filter out high-frequency noise from power supply lines.
* **Bypassing:** Providing a low-impedance path for AC signals to ground.
* **Smoothing:** Reducing voltage ripple in DC-to-DC converters or power management stages.
* **Timing Circuits:** Used in simple RC (Resistor-Capacitor) networks where a 0.1 µF value is a standard requirement.
---
### Typical Circuit Symbol
In a schematic, this part is represented by the standard non-polarized capacitor symbol:
```text
| |
------| |------
| |
0.1 µF
```
- ⤷
What are the temperature characteristics of the Y5V dielectric used in this capacitor?
- ⤷ Can this 25V rated capacitor be used in a 24V power supply circuit safely?
- ⤷ What is the physical size difference between 0805 and 0603 metric packages?