Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ST336RAM

  • AI
    The **ST336RAM** is a high-performance, low-power Static Random Access Memory (SRAM) component commonly used in embedded systems, industrial controllers, and legacy computing hardware. --- ### 1. Technical Specifications The core electronic characteristics of the ST336RAM typically revolve around its architecture as a **32K x 8-bit** or similar configuration (depending on the specific series variant). | Feature | Specification (Standard) | | :--- | :--- | | **Memory Capacity** | 256 Kbit (32,768 words × 8 bits) | | **Supply Voltage (Vcc)** | 4.5V to 5.5V (Standard) / 2.7V to 3.6V (Low V) | | **Access Time** | 55ns to 70ns | | **Operating Current** | 30-50 mA (Active) | | **Standby Current** | 1-10 μA (CMOS Standby) | | **Package Types** | SOP, TSOP, or DIP | --- ### 2. Key Electronic Components & Pins The device functions through a standard asynchronous interface. Below are the primary electronic control signals: * **Address Inputs (A0 - A14):** Used to select one of the 32,768 memory locations. * **Data I/O (DQ0 - DQ7):** Bi-directional pins used to input data during a "Write" cycle and output data during a "Read" cycle. * **Chip Enable (/CE):** When high, the device enters a low-power standby mode. When low, the device is active. * **Output Enable (/OE):** Controls the output buffers. When low, it allows data to be read from the DQ pins. * **Write Enable (/WE):** When low, data on the DQ pins is written to the selected memory address. --- ### 3. Operational Logic The ST336RAM uses **CMOS technology**, which provides a balance between high speed and very low power consumption. #### Truth Table for Operations | Mode | /CE | /WE | /OE | DQ Pin | Power | | :--- | :--- | :--- | :--- | :--- | :--- | | **Standby** | H | X | X | High-Z | Standby | | **Read** | L | H | L | Data Out | Active | | **Write** | L | L | X | Data In | Active | | **Output Disable** | L | H | H | High-Z | Active | --- ### 4. Application Hardware Design When integrating the ST336RAM into a circuit, developers usually include the following electronic safety measures: 1. **Decoupling Capacitors:** A 0.1μF ceramic capacitor placed close to the Vcc pin to filter high-frequency noise. 2. **Pull-up Resistors:** Often used on the `/CE` and `/WE` lines to prevent accidental writes during power-up/down sequences. 3. **Battery Backup:** Because it is "Static" RAM (volatile), it requires a constant voltage to retain data. Many circuits pair this with a DS1210 or similar controller to switch to battery power when the main Vcc fails.
    ✨ Follow-up Questions
    • ⤷ What are the pin-compatible alternatives for the ST336RAM?
    • ⤷ How do I implement a battery backup circuit for this specific SRAM?
    • ⤷ What is the difference between the 'L' and 'LL' versions of this chip?