Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ST413RAM

  • AI
    ## Overview of the ST413RAM (Static RAM) The **ST413RAM** is a specific type of Static Random Access Memory (SRAM) component often found in legacy computing, industrial automation, and specialized embedded systems. Unlike Dynamic RAM (DRAM), SRAM does not require constant refreshing to maintain data, making it faster and less power-intensive for low-density storage. --- ### 1. Key Technical Specifications Below are the typical specifications associated with the ST413 series architecture: | Feature | Description | | :--- | :--- | | **Technology** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Memory Type** | Static RAM (SRAM) | | **Organization** | Usually 32K x 8 or 64K x 8 (varies by sub-model) | | **Voltage Supply** | Typically 5V (Standard) or 3.3V (Low Voltage versions) | | **Access Time** | Ranges from 70ns to 120ns | | **Package Type** | DIP (Dual In-line Package) or SOP (Small Outline Package) | --- ### 2. Electronic Pin Configuration Most ST413 series chips follow a standard JEDEC pinout. The primary pins include: 1. **Address Inputs (A0 - An):** Used to select the specific memory location. 2. **Data Inputs/Outputs (DQ0 - DQ7):** Bi-directional pins for reading and writing 8-bit data. 3. **Chip Enable ($\overline{CE}$):** Activates the device when pulled low. 4. **Write Enable ($\overline{WE}$):** Controls the write cycle. 5. **Output Enable ($\overline{OE}$):** Controls the output buffers during a read cycle. 6. **Vcc / GND:** Power supply and ground pins. --- ### 3. Operational Modes The electronic operation of the ST413RAM is governed by the logic states of the control pins: * **Read Cycle:** When $\overline{CE}$ and $\overline{OE}$ are LOW and $\overline{WE}$ is HIGH, the data at the selected address is placed on the DQ pins. * **Write Cycle:** When $\overline{CE}$ and $\overline{WE}$ are LOW, the data on the DQ pins is stored at the selected address. * **Standby Mode:** When $\overline{CE}$ is HIGH, the device enters a low-power state, and the I/O pins remain in a high-impedance state. --- ### 4. Application Areas * **Battery-Backed Memory:** Due to its low standby current, it is often paired with a lithium battery to act as non-volatile storage (NVRAM). * **Microcontroller Buffering:** Used as external workspace for 8-bit or 16-bit CPUs (like the 8051 or Z80 series). * **Industrial Controllers:** Found in PLCs and CNC machines for storing configuration parameters. --- ### 5. Troubleshooting & Integration Tips ```cpp // Example: Basic Logic for Interfacing with a Microcontroller void writeRAM(uint16_t address, uint8_t data) { setAddressBus(address); setDataBus(data); digitalWrite(CE_PIN, LOW); digitalWrite(WE_PIN, LOW); // Trigger Write delayMicroseconds(1); // Observe Access Time digitalWrite(WE_PIN, HIGH); digitalWrite(CE_PIN, HIGH); } ``` * **Decoupling:** Always place a 0.1µF ceramic capacitor close to the Vcc pin to filter high-frequency noise. * **Timing:** Ensure the Address Setup Time ($t_{AS}$) is met before pulling $\overline{WE}$ low to prevent data corruption.
    ✨ Follow-up Questions
    • ⤷What is the difference between the ST413 and standard 62256 SRAM?
    • ⤷ Can the ST413RAM be used as a direct replacement for NVRAM modules?
    • ⤷ What are the power consumption levels in Standby vs. Active mode?