Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ST830

  • AI
    The **ST830** is a specialized high-voltage NPN power transistor designed primarily for switching applications. It is manufactured by STMicroelectronics and is characterized by its high breakdown voltage and relatively high switching speed. ### 1. Technical Specifications The following table summarizes the key electrical characteristics of the ST830 transistor: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Emitter Voltage | $V_{CEO}$ | 600 V | | Collector-Base Voltage | $V_{CBO}$ | 900 V | | Emitter-Base Voltage | $V_{EBO}$ | 9 V | | Collector Current (Continuous) | $I_C$ | 1 A | | Collector Current (Peak) | $I_{CM}$ | 2 A | | Total Dissipation at $T_c = 25^\circ C$ | $P_{tot}$ | 35 W | | Operating Junction Temperature | $T_j$ | -65 to 150 °C | --- ### 2. Key Features * **High Voltage Capability:** With a $V_{CEO}$ of 600V, it is suitable for equipment connected directly to AC mains (110V/220V). * **Fast Switching:** Optimized for high-frequency performance in power supplies. * **Package:** Usually housed in a **TO-220** package, which allows for easy mounting to a heatsink to manage thermal dissipation. * **Ruggedness:** Designed to withstand high stress in industrial environments. --- ### 3. Internal Structure and Pinout The ST830 is a bipolar junction transistor (BJT). The standard TO-220 pin configuration (facing the front with pins pointing down) is: 1. **Base (B):** Controls the current flow between the collector and emitter. 2. **Collector (C):** Connected to the high-voltage load. 3. **Emitter (E):** Usually connected to the common ground or negative rail. --- ### 4. Common Applications Due to its high voltage rating and power handling, the ST830 is commonly found in: * **Electronic Ballasts:** Used in lighting circuits (CFL and fluorescent tubes). * **Switch Mode Power Supplies (SMPS):** Acting as the primary switching element. * **DC-DC Converters:** Managing voltage transitions in industrial power modules. * **Motor Control:** Driving small high-voltage motors or actuators. --- ### 5. Circuit Usage Example (NPN Switching) ```c // Basic Switching Concept [Load] ----> [Collector (ST830)] | [Logic High] -> [Base Resistor] -> [Base (ST830)] | [Ground] <----- [Emitter (ST830)] ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended heat sink requirements for the ST830 in a 35W application?
    • ⤷ How does the ST830 compare to the ST13003 series transistors?
    • ⤷ What is the typical storage temperature range for this component?