STCS2_0807
AI

Based on your query, it appears you are referring to the **STCS2**, a specific Power Management Integrated Circuit (PMIC) manufactured by **STMicroelectronics**.
The **STCS2** (and its variants like the STCS2A) is a 2-ampere linear constant current LED driver designed to provide high-precision current for high-brightness LEDs.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the STCS2:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 40V |
| **Maximum Output Current** | Up to 2.0A |
| **Feedback Voltage ($V_{FB}$)** | 100 mV (High precision) |
| **Quiescent Current** | 250 µA (Typical) |
| **Operating Temperature** | -40°C to 125°C |
| **Package Type** | PowerSO-8 or DFN8 (4x4 mm) |
---
## 2. Key Internal Components
The STCS2 functions as a linear regulator optimized for current control rather than voltage control. Its internal architecture includes:
1. **Internal Power MOSFET:** A low $R_{DS(on)}$ N-channel power transistor that regulates the current flowing through the LED string.
2. **Precision Reference & Error Amp:** Compares the voltage at the FB pin (across a sense resistor) to an internal 100mV reference.
3. **PWM Dimming Logic:** Includes a dedicated input pin for Pulse Width Modulation to control LED brightness without shifting the color spectrum.
4. **Protection Circuits:**
* **Over-temperature Protection:** Thermal shutdown occurs if the die exceeds 150°C.
* **Open-loop protection:** Prevents damage if the LED string is disconnected.
---
## 3. Application Circuit Example
To set the current, a sense resistor ($R_{sense}$) is placed between the FB pin and ground. The current is calculated using the formula:
$I_{LED} = V_{FB} / R_{sense}$
```python
# Example Calculation for a 1 Amp LED drive:
V_fb = 0.1 # 100mV internal reference
I_out = 1.0 # Desired 1 Ampere
R_sense = V_fb / I_out
print(f"Required Sense Resistor: {R_sense} Ohms")
# Output: 0.1 Ohms
```
---
## 4. Typical Use Cases
* **Automotive Lighting:** Daytime running lights (DRL) and interior cabin lighting.
* **Industrial Signage:** High-power LED backlighting.
* **Emergency Lighting:** Constant current ensures uniform brightness across varying battery voltages.
* **Traffic Signals:** Reliable current regulation for long-distance visibility.
- ⤷
How do I calculate the power dissipation for the STCS2 to avoid thermal shutdown?
- ⤷ What are the main differences between the STCS2 and the STCS1?
- ⤷ Can the STCS2 be used in parallel to achieve currents higher than 2A?