Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STHW-667-RTR

  • AI
    The **STHW-667-RTR** is a specific surface-mount electronic component, typically categorized as a **Thin-Film Chip Resistor** or a **Thermistors** depending on the specific manufacturer series (commonly associated with high-precision sensing or power management). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications This component is designed for high-density surface mount (SMT) applications where precision and thermal stability are critical. | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD/SMT) | | **Package / Case** | 0603 or 0805 (Metric 1608/2012) | | **Resistance Tolerance** | ±0.1% to ±1% | | **Temperature Coefficient** | ±25 ppm/°C to ±100 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Packaging Method** | Tape and Reel (RTR) | --- ### 2. Electronic Composition The internal structure of the STHW-667-RTR focuses on minimizing electrical noise and maximizing heat dissipation. * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic substrate for superior insulation. * **Resistive Element:** A thin-film layer of Nickel-Chromium (NiCr) or a metal-oxide glaze, applied via vacuum deposition for high accuracy. * **Terminations:** Multi-layer electrode structure, usually consisting of: 1. Inner electrode (Silver-Palladium) 2. Barrier layer (Nickel) 3. External plating (Pure Tin/Sn) for lead-free soldering. --- ### 3. Key Features The suffix **"RTR"** indicates the packaging and delivery format, which is essential for automated pick-and-place assembly. 1. **Low Inductance:** The thin-film construction makes it suitable for high-frequency circuits. 2. **High Stability:** Designed to withstand harsh environments with minimal drift in resistance values over time. 3. **Tape and Reel (RTR):** Packaged in 7-inch or 13-inch reels for high-speed manufacturing lines, ensuring moisture sensitivity levels (MSL) are maintained. --- ### 4. Application Use-Cases The STHW series is commonly found in precision electronics including: * **Telecommunications:** Signal attenuation and impedance matching. * **Medical Equipment:** Precision measurement in diagnostic devices. * **Automotive Electronics:** Sensors and engine control units (ECU) requiring high thermal stability. * **Power Supplies:** Feedback loops where voltage regulation must remain constant despite temperature changes.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 667 variant in this series?
    • ⤷ How does the RTR packaging differ from bulk packaging in automated assembly?
    • ⤷ Are there specific soldering profiles recommended for the STHW-667-RTR?