STK17TA8-R25
AI

# Technical Overview: STK17TA8-RF25
The **STK17TA8-RF25** is a high-performance **nvSRAM** (non-volatile Static Random Access Memory) manufactured by Infineon Technologies (formerly Cypress Semiconductor). It integrates a standard SRAM with a non-volatile QuantumTrap cell, ensuring data retention even when power is lost.
---
## 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Density** | 1 Mbit (128K x 8) |
| **Interface** | Parallel |
| **Access Time** | 25 ns |
| **Operating Voltage** | 2.7V to 3.6V |
| **Package Type** | 32-pin SOIC (Small Outline Integrated Circuit) |
| **Data Retention** | 20 Years (minimum) |
| **Operating Temp** | 0°C to +70°C (Commercial) |
---
## 2. Core Functional Components
### A. SRAM Control Logic
The device operates like a standard high-speed SRAM. During normal operation, the system reads and writes to the SRAM array at speeds of **25ns**. This allows for high-frequency data processing without the wear-and-tear limitations of standard Flash or EEPROM.
### B. Non-Volatile QuantumTrap Cell
Every SRAM bit has a corresponding non-volatile cell. When a power failure occurs, the data is automatically transferred from the volatile SRAM to the non-volatile elements.
### C. Power Management (AutoStore)
The STK17TA8-RF25 features **AutoStore** technology. By connecting a small capacitor (typically 68µF) to the `VCAP` pin, the device uses the stored energy to "dump" the SRAM data into the non-volatile memory automatically if $V_{CC}$ drops below a safe threshold.
---
## 3. Operational Modes
| Mode | Trigger | Description |
| :--- | :--- | :--- |
| **Read/Write** | Standard Signal | Operates as a 25ns asynchronous SRAM. |
| **AutoStore** | Power Loss | Data moves from SRAM to non-volatile memory using the $V_{CAP}$ capacitor. |
| **Software Store** | Command Sequence | User initiates a data backup via a specific software sequence. |
| **Recall** | Power Up | Data is automatically moved from non-volatile memory back to SRAM. |
---
## 4. Typical Applications
* **Industrial Automation:** Storing configuration data and error logs.
* **Medical Equipment:** Maintaining calibration data and patient settings.
* **Data Servers:** Storing critical "metadata" or write-caches to prevent corruption during power outages.
* **Smart Meters:** Recording energy consumption data in real-time.
---
## 5. Pin Configuration (Simplified)
```text
+---U---+
VCAP [1] [32] VCC
A16 [2] [31] A15
A14 [3] [30] NC
A12 [4] [29] /WE
... ... ... ...
GND [16] [17] DQ7
+-------+
```
---
- ⤷What is the recommended capacitor value for the VCAP pin in this specific model?
- ⤷ How does nvSRAM compare to MRAM in terms of performance and reliability?
- ⤷ What is the difference between AutoStore and Hardware Store on the STK17TA8?