STK17TA8-R35
AI

## STK17TA8-R35: Technical Overview
The **STK17TA8-R35** is a high-performance **nvSRAM** (Non-volatile Static Random Access Memory) manufactured by Infineon (formerly Cypress Semiconductor). It combines the speed of an SRAM with the non-volatile data retention of an EEPROM.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Capacity** | 1 Mbit (128K x 8) |
| **Interface** | Parallel |
| **Access Time** | 35 ns |
| **Operating Voltage** | 2.7V to 3.6V |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | 32-pin SOIC |
| **Data Retention** | 20 Years |
---
### 2. Core Functional Components
The device is divided into two primary internal structures that work in tandem:
#### A. The SRAM Layer
This layer functions like a standard high-speed CMOS static RAM. During normal operation, the system reads and writes to this layer with a **35ns access time**. This allows for unlimited read and write cycles without the wear-out mechanisms found in traditional Flash memory.
#### B. The Non-volatile Elements
Each SRAM cell is linked to a non-volatile **QuantumTrap** cell. These cells act as a shadow memory.
* **STORE Operation:** In the event of power failure or a software command, data is transferred from the SRAM to the non-volatile cells.
* **RECALL Operation:** Upon power restoration, the data is automatically copied back from the non-volatile cells to the SRAM.
---
### 3. Management Features
* **AutoStore:** The chip includes an internal capacitor-based power monitoring system. If $V_{CC}$ drops below a safe threshold, the device uses energy stored in an external capacitor ($V_{CAP}$) to perform a final write to the non-volatile layer.
* **Hardware Protection:** A specific pin allows for hardware write protection to prevent accidental data corruption.
* **Infinite Endurance:** Because the non-volatile writes only happen during power-down cycles, the SRAM can be cycled infinitely during normal operation.
---
### 4. Pin Configuration Highlight
```text
32-Pin SOIC Layout (Simplified)
+-------+--+-------+
| HSB |1 | 32| Vcc | (Hardware Store Busy)
| A16 |2 | 31| A15 | (Address Lines)
| A14 |3 | 30| Vcap | (Capacitor for AutoStore)
| WE |4 | 29| OE | (Write/Output Enable)
| ... |..| ..| ... |
+-------+--+-------+
```
---
### 5. Common Applications
* **Industrial Automation:** Storing configuration parameters and error logs.
* **Medical Equipment:** Saving critical patient data or device state during power loss.
* **Data Communications:** Managing routing tables and system configurations that require frequent updates but must survive power cycles.
- ⤷
What is the recommended value for the Vcap capacitor in this circuit?
- ⤷ How does the STK17TA8 compare to standard MRAM or FRAM?
- ⤷ Can the STORE operation be triggered manually via software?