STLQ50C-R
AI

The **STLQ50C-R** is a high-performance, low-dropout (LDO) linear voltage regulator designed by STMicroelectronics. It is specifically engineered for low-power applications where battery longevity and minimal space are critical.
---
## 1. Technical Specifications
The STLQ50C-R belongs to the STLQ50 series. Below are its primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 12 V |
| **Output Voltage (Fixed)** | 5.0 V |
| **Output Current** | Up to 50 mA |
| **Quiescent Current ($I_q$)** | Typ. 3 µA (at no load) |
| **Dropout Voltage** | 200 mV (at 50 mA load) |
| **Package Type** | SOT-323-5L (SC-70) |
| **Operating Temperature** | -40°C to 125°C |
---
## 2. Key Internal Components & Features
### A. Low Quiescent Current Control
The internal circuitry is optimized to consume only **3 µA** of current. This makes the part ideal for "Always-On" devices that spend most of their time in standby mode.
### B. Control Logic (Enable Pin)
The STLQ50C-R features a logic-controlled **Shutdown Mode**.
* When the Enable (EN) pin is pulled low, the device enters a standby state.
* In this state, current consumption drops to virtually zero ($< 1$ µA).
### C. Protection Circuitry
The chip integrates several safety mechanisms to prevent hardware failure:
1. **Current Limit:** Protects the regulator if the output is shorted to ground.
2. **Thermal Shutdown:** Automatically turns off the device if the internal junction temperature exceeds safe limits.
---
## 3. Application Circuitry
To ensure stability, the STLQ50C-R requires minimal external components. Typically, it only requires two small ceramic capacitors.
```markdown
Vin ----[ C1 (1uF) ]---- (Vin Pin) [ STLQ50C-R ] (Vout Pin) ----[ C2 (1uF) ]---- Vout (5V)
| |
(GND) (EN)
```
### Components List:
* **Input Capacitor (C1):** 1 µF ceramic capacitor is recommended to filter input noise.
* **Output Capacitor (C2):** 1 µF (min) ceramic capacitor is required for stability. High ESR capacitors should be avoided.
---
## 4. Typical Use Cases
* **IoT Sensors:** Devices that wake up periodically to send data.
* **Battery-Powered Portables:** Wearables or handheld meters using Li-ion or Alkaline batteries.
* **Automotive Subsystems:** Low-power modules that remain active when the engine is off.
- ⤷
How does the dropout voltage change when the load current is lower than 50mA?
- ⤷ What are the primary differences between the STLQ50 and the LD1117 series?
- ⤷ Can the STLQ50C-R handle input voltages higher than 12V for short durations?