Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32F412RGH7

  • AI
    ## STM32F412RGH7 Overview The **STM32F412RGH7** is a high-performance microcontroller from STMicroelectronics' STM32F4 series. It is based on the **ARM® Cortex®-M4** 32-bit RISC core with a Floating Point Unit (FPU). This specific part is known for balancing high performance with power efficiency, often referred to as a "Dynamic Efficiency" line. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU & DSP instructions | | **Max Frequency** | 100 MHz | | **Flash Memory** | 1024 KB (1 MB) | | **SRAM** | 256 KB | | **Package** | UFBGA64 (7x7 mm) | | **Operating Voltage** | 1.7 V to 3.6 V | | **Temperature Range** | -40°C to +105°C (suffix '7') | --- ### Detailed Electronic Components & Subsystems #### 1. The Processing Core * **Cortex-M4:** Includes a single-precision FPU that supports all ARM single-precision data-processing instructions and data types. * **ART Accelerator:** ST’s proprietary Adaptive Real-Time memory accelerator allows 0-wait state execution from Flash memory at up to 100 MHz. #### 2. Communication Interfaces The STM32F412RGH7 is highly connected, featuring: * **4x USARTs / 2x UARTs:** For serial communication. * **5x SPIs:** Up to 50 Mbit/s. * **3x I2C:** Supporting Fast Mode Plus (up to 1 MHz). * **CAN (2.0B Active):** Two interfaces for automotive/industrial networking. * **SDIO Interface:** Supports SD, MMC, and eMMC cards. * **USB 2.0 OTG FS:** Full-speed controller with on-chip PHY. #### 3. Analog Peripherals * **ADC:** 1x 12-bit, 2.4 MSPS ADC with up to 16 channels. * **Temperature Sensor:** Internal sensor connected to the ADC. * **Voltage Reference:** Internal stable voltage source for analog conversions. #### 4. Power Management * **Low Power Modes:** Supports Sleep, Stop, and Standby modes. * **VBAT Supply:** Allows the RTC (Real-Time Clock) and backup registers to run even when the main VDD is off. * **Voltage Regulator:** An internal regulator provides 1.2V for the digital core. #### 5. Memory Architecture * **Dual-bank Flash:** Allows "Read-While-Write" capabilities, useful for safe firmware updates (OTA). * **Flexible Static Memory Controller (FSMC):** Allows connection to external memory like SRAM, PSRAM, and NOR Flash. --- ### Package Pinout (UFBGA64) The `RGH7` suffix indicates the **UFBGA64** package. This is a "Ball Grid Array" package, which is extremely compact (7x7mm) and suitable for space-constrained industrial or wearable applications. ```c // Example: Basic GPIO Initialization Snippet for STM32F412 void GPIO_Init(void) { __HAL_RCC_GPIOA_CLK_ENABLE(); // Enable Clock for Port A GPIO_InitTypeDef GPIO_InitStruct = {0}; GPIO_InitStruct.Pin = GPIO_PIN_5; GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32F412 and the STM32F405?
    • ⤷ How does the ART Accelerator improve performance in this specific chip?
    • ⤷ What are the power consumption figures for the STM32F412 in Stop mode?