STM32L412R8I6
AI

## Overview of STM32L412R8I6
The **STM32L412R8I6** is an ultra-low-power microcontroller (MCU) developed by STMicroelectronics. It belongs to the STM32L4 series and is based on the high-performance **ARM® Cortex®-M4** 32-bit RISC core, operating at a frequency of up to 80 MHz.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Core** | ARM® Cortex®-M4 with FPU |
| **Max Frequency** | 80 MHz |
| **Flash Memory** | 64 Kbytes |
| **SRAM** | 40 Kbytes |
| **Voltage Range** | 1.71 V to 3.6 V |
| **Package** | LQFP64 (10x10 mm) |
| **I/O Ports** | 52 GPIOs |
---
### 2. Core Electronic Architecture
The internal architecture is designed for efficiency and balancing performance with power consumption:
- **FPU (Floating Point Unit):** Supports single-precision data-processing instructions and ARM analysis.
- **ART Accelerator™:** A memory accelerator that allows 0-wait state execution from Flash memory.
- **Energy Benchmark:** Achieves 100 DMIPS and 273 CoreMark scores.
---
### 3. Integrated Peripherals
The "Parts" within the silicon include several high-performance analog and digital modules:
#### A. Analog Components
- **ADC:** 1× 12-bit ADC (up to 5 Msps) for high-speed sensor data acquisition.
- **DAC:** 1× 12-bit DAC for signal generation.
- **Operational Amplifiers:** 1 built-in Op-Amp.
- **Comparators:** 2 ultra-low-power comparators.
#### B. Connectivity & Communication
- **USART/UART:** 3 interfaces for serial communication.
- **I2C:** 3 interfaces (supporting SMBus/PMBus).
- **SPI:** 2 interfaces.
- **USB:** USB 2.0 full-speed device peripheral with on-chip PHY.
#### C. Timers
- **General Purpose:** 1x 16-bit advanced control timer, 3x 16-bit timers, and 1x 32-bit timer.
- **Low Power:** 2x Low-power timers (LPTIM) capable of operating in Stop mode.
---
### 4. Power Management Features
The "L" in STM32L stands for **Low Power**. The chip manages electricity through several modes:
* **Shutdown Mode:** Only 7 nA (nanoamps).
* **Standby Mode:** 150 nA (with RTC running).
* **Stop 2 Mode:** 2.8 µA while maintaining full RAM and register retention.
---
### 5. Part Number Breakdown
Understanding the specific nomenclature for **STM32L412R8I6**:
| Code | Meaning |
|:---|:---|
| **STM32** | Family: 32-bit Microcontroller |
| **L4** | Series: Ultra-Low Power |
| **12** | Line: Entry-level access line |
| **R** | Pin Count: 64 Pins |
| **8** | Flash Size: 64 Kbytes |
| **I** | Package Type: LQFP |
| **6** | Temperature: -40°C to 85°C |
---
- ⤷How does the ART Accelerator improve performance in the STM32L4 series?
- ⤷ What are the primary differences between Stop 2 and Standby modes?
- ⤷ Which development tools are recommended for programming the STM32L412R8I6?