Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412R8I6PXXX

  • AI
    The **STM32L412R8I6PXXX** belongs to the STMicroelectronics STM32L4 series, which is specifically designed for ultra-low-power applications using the high-performance ARM® Cortex®-M4 32-bit RISC core. --- ### 1. Key Technical Specifications This microcontroller is optimized for efficiency without sacrificing processing power, featuring a Floating Point Unit (FPU) and a full set of DSP instructions. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU | | **Max Speed** | 80 MHz | | **Flash Memory** | 64 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package Type** | LQFP64 (64 pins) | | **I/O Ports** | 52 GPIOs | --- ### 2. Core Electronic Components & Architecture #### A. Power Management (Ultra-Low Power) The "L" in STM32L4 stands for **Low Power**. It utilizes several technologies to extend battery life: * **FlexPowerControl:** Allows independent supply for peripherals and SRAM. * **Low-power modes:** Includes Shutdown (30 nA), Standby (420 nA), and Stop 2 (1.1 µA). * **Batch Acquisition Mode (BAM):** Allows data exchange via peripherals while the CPU is in sleep mode. #### B. Analog Peripherals This chip includes high-performance integrated analog circuits to reduce the need for external components: * **ADC:** 1x 12-bit ADC (up to 5 Msps for high-speed sampling). * **Internal Voltage Reference:** Provides a stable reference for analog measurements. * **Operational Amplifiers & Comparators:** Built-in for signal conditioning. #### C. Connectivity & Communication It supports a wide array of industrial and consumer communication protocols: * **USART/UART:** For serial communication. * **I2C:** For sensor interfacing (SMBus/PMBus compatible). * **SPI/QSPI:** For high-speed data transfer to external flash or displays. * **USB 2.0:** Full-speed crystal-less solution. --- ### 3. Pinout & Physical Characteristics The **LQFP64** package (Low-profile Quad Flat Pack) is a surface-mount component. * **Thermal Range:** -40°C to 85°C (Standard) or up to 125°C. * **Security:** Includes a True Random Number Generator (TRNG) and hardware encryption acceleration. --- ### 4. Typical Application Circuit When designing a PCB for this part, the following electronic considerations are essential: 1. **Decoupling Capacitors:** Place 100nF capacitors close to every VDD pin. 2. **Clock Source:** While it has an internal 48MHz oscillator, an external **HSE (High-Speed External)** crystal is recommended for precision timing. 3. **Reset (NRST):** Requires a pull-up resistor to VDD to prevent accidental resets.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32L4 and the STM32F4 series?
    • ⤷ Can you provide a sample C code to initialize a GPIO on this chip?
    • ⤷ What software tools are recommended for programming the STM32L412?