Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412R8I6TR

  • AI
    The **STM32L412R8I6TR** is a high-performance, ultra-low-power microcontroller developed by STMicroelectronics. It is based on the **ARM® Cortex®-M4** 32-bit RISC core, operating at frequencies up to 80 MHz. Below is a detailed breakdown of its technical specifications and key electronic components. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU | | **Max Clock Speed** | 80 MHz | | **Flash Memory** | 64 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71V to 3.6V | | **Package** | LQFP64 (10x10 mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Blocks #### A. Power Management (Ultra-Low-Power) The "L" in STM32L series stands for **Low Power**. This chip includes several technologies to extend battery life: * **FlexPowerControl:** Allows independent supply for peripherals. * **Low-power modes:** Shutdown (30 nA), Standby (420 nA), and Stop 2 (1.1 μA). * **Batch Acquisition Mode (BAM):** Allows data exchange while the CPU is in sleep mode. #### B. Peripheral Connectivity The chip is equipped with a wide array of communication interfaces: * **Digital:** 3x UARTs, 2x SPI, 2x I2C, 1x USB 2.0 (Crystal-less), and 1x CAN (bxCAN). * **Analog:** * 1x 12-bit ADC (up to 5 Msps). * 2x Ultra-low-power Comparators. * Internal Voltage Reference. #### C. Safety and Security * **TRNG:** True Random Number Generator. * **CRC:** Cyclic Redundancy Check calculation unit. * **Memory Protection Unit (MPU):** Manages user access rights to memory. --- ### 3. Pinout and Physical Characteristics The **LQFP64** package provides 64 pins, most of which are 5V tolerant. ```c // Example: Basic GPIO Initialization (HAL Library) void GPIO_Init(void) { __HAL_RCC_GPIOA_CLK_ENABLE(); // Enable clock for Port A GPIO_InitTypeDef GPIO_InitStruct = {0}; GPIO_InitStruct.Pin = GPIO_PIN_5; GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; // Push-Pull output GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); } ``` --- ### 4. Part Number Decoding Understanding the nomenclature helps in identifying the specific variant: | Code | Meaning | | :--- | :--- | | **STM32** | Family: ST 32-bit Microcontroller | | **L412** | Sub-family: Ultra-low-power entry level | | **R** | Pin count: 64 pins | | **8** | Flash memory size: 64 Kbytes | | **I** | Temperature range: -40°C to 85°C | | **6** | Package type: LQFP | | **TR** | Packing: Tape and Reel | ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the STM32L412 and the STM32L432 series?
    • ⤷ How does the 'Crystal-less' USB feature work on this microcontroller?
    • ⤷ Which development boards are compatible with the STM32L412R8I6TR?