Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412R8T3

  • AI
    ## STM32L412R8T3: Technical Overview The **STM32L412R8T3** is an ultra-low-power microcontroller developed by STMicroelectronics. It is based on the high-performance **Arm® Cortex®-M4** 32-bit RISC core operating at a frequency of up to 80 MHz. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® 32-bit Cortex®-M4 with FPU | | **Max Frequency** | 80 MHz | | **Flash Memory** | 64 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package** | LQFP64 (10x10 mm) | | **Operating Temp** | -40°C to 85°C | --- ### 2. Core Architecture and Performance * **Floating Point Unit (FPU):** Supports all Arm® single-precision data-processing instructions and data types. * **DSP Instructions:** Includes a full set of DSP instructions to enhance application performance. * **ART Accelerator™:** A memory accelerator that allows 0-wait state execution from Flash memory. * **Benchmarks:** 100 DMIPS and 273 CoreMark scores. --- ### 3. Power Management (Ultra-Low Power) This series is specifically designed for battery-operated devices. It features several power-saving modes: 1. **Shutdown Mode:** 28 nA (lowest consumption, wake-up via pins). 2. **Standby Mode:** 280 nA (SRAM2 content retained). 3. **Stop 2 Mode:** 1.0 µA (full RAM retention, fast wake-up in 5 µs). 4. **Low-power Run Mode:** 37 µA/MHz. --- ### 4. Peripherals and Connectivity The STM32L412R8T3 is highly integrated with various communication interfaces and analog blocks: #### A. Communication Interfaces * **USART/UART:** 3 interfaces (including 1 Low-Power UART). * **I2C:** 3 interfaces (SMBus/PMBus supported). * **SPI:** 2 interfaces. * **USB:** 1 x USB 2.0 full-speed crystal-less solution. #### B. Analog Features * **ADC:** 1 × 12-bit ADC (up to 5 Msps). * **Operational Amplifiers:** 1 internal op-amp. * **Comparators:** 2 ultra-low-power comparators. #### C. Timers * **Advanced Control:** 1 x 16-bit for motor control. * **General Purpose:** 3 x 16-bit and 1 x 32-bit. * **Low Power Timers:** 2 x 16-bit (operates in Stop mode). --- ### 5. Application Areas Due to its balance between performance and power consumption, it is commonly used in: * Smart meters and industrial sensors. * Wearable devices (fitness trackers). * IoT endpoints. * Portable medical equipment. --- ### 6. Sample Pin Definition (Partial) ```c // Example GPIO Initialization for STM32L4 Series void GPIO_Init(void) { __HAL_RCC_GPIOA_CLK_ENABLE(); // Enable Clock for Port A GPIO_InitTypeDef GPIO_InitStruct = {0}; GPIO_InitStruct.Pin = GPIO_PIN_5; // User LED pin GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32L4 and the STM32F4 series?
    • ⤷ How does the 'Crystal-less USB' feature work in this microcontroller?
    • ⤷ Which development boards support the STM32L412R8T3 for prototyping?