Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412R8T3XXX

  • AI
    The **STM32L412R8T3** belongs to the STMicroelectronics STM32L4 series, which is specifically designed for ultra-low-power applications using the high-performance ARM® Cortex®-M4 32-bit RISC core. --- ### 1. Key Technical Specifications Below are the core technical parameters for the STM32L412R8T3: | Parameter | Specification | |:---|:---| | **Core** | ARM® Cortex®-M4 with FPU | | **Max Frequency** | 80 MHz | | **Flash Memory** | 64 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71V to 3.6V | | **Package** | LQFP64 (10x10 mm) | | **Temperature Range** | -40°C to +85°C (Grade 3/T suffix variants vary) | --- ### 2. Core Functional Components #### A. Power Management (Ultra-Low-Power) This is the standout feature of this MCU. It utilizes **FlexPowerControl** to maintain efficiency. * **Shutdown Mode:** 8 nA (with wakeup pins). * **Standby Mode:** 28 nA (with RTC). * **Stop 2 Mode:** 1.1 µA (full RAM retention, wake up in 5µs). * **Batch Acquisition Mode (BAM):** Allows data exchange with peripherals while the CPU is in sleep mode. #### B. Advanced Peripherals The chip is equipped with a variety of communication and analog interfaces: * **Analog:** 1x 12-bit ADC (up to 5 Msps), 2x Operational Amplifiers, 1x Ultra-low-power comparator. * **Communication:** 3x UARTs (including 1x LPUART), 2x I2C (SMBus/PMBus supported), 2x SPI, 1x USB 2.0 full-speed Crystal-less. * **Timers:** 1x 16-bit advanced motor control, 3x 16-bit general purpose, 1x 32-bit, and 2x Low-power timers. #### C. Security and Safety * **TRNG:** True Random Number Generator. * **CRC:** Cyclic Redundancy Check calculation unit. * **96-bit Unique ID:** Permanent identification for each chip. --- ### 3. Pinout Structure (LQFP64) The **R8** designation indicates a 64-pin package. Common pin assignments include: * **PA0-PA15 / PB0-PB15:** General Purpose I/Os with multiplexed functions (PWM, ADC, SPI). * **VDD / VSS:** Power supply and ground pins. * **NRST:** System Reset (active low). * **SWDIO / SWCLK:** Serial Wire Debugging pins for programming. --- ### 4. Development Environment To program this part, developers typically use: ```c // Example: Basic GPIO Initialization using HAL Library void GPIO_Init(void) { __HAL_RCC_GPIOA_CLK_ENABLE(); // Enable Clock for Port A GPIO_InitTypeDef GPIO_InitStruct = {0}; GPIO_InitStruct.Pin = GPIO_PIN_5; // LED Pin GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the STM32L412 and the STM32L432 series?
    • ⤷ How does the 'Crystal-less' USB feature work in this MCU?
    • ⤷ Which development boards are compatible with the STM32L412R8?