Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412RBI6

  • AI
    The **STM32L412RBI6** is an ultra-low-power microcontroller developed by STMicroelectronics. It is based on the high-performance Arm® Cortex®-M4 32-bit RISC core operating at a frequency of up to 80 MHz. --- ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® 32-bit Cortex®-M4 with FPU | | **Flash Memory** | 128 KB | | **SRAM** | 40 KB | | **Max Clock Speed** | 80 MHz | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package Type** | UFBGA64 (5x5 mm) | | **I/O Pins** | 52 | --- ## 2. Core Functional Blocks ### A. Power Management & Low Power Modes This chip is part of the "L4" series, specifically designed for battery-operated devices. * **FlexPowerControl:** Allows independent supply for different peripherals. * **Modes:** Supports Stop 2 mode (low power with full RAM retention) and Standby/Shutdown modes. * **Batch Acquisition Mode (BAM):** Allows data exchange while the CPU is in sleep. ### B. Analog Peripherals The STM32L412RBI6 features high-performance analog blocks: 1. **ADC:** 12-bit Analog-to-Digital Converter (up to 5 Msps). 2. **Internal Voltage Reference:** For accurate analog measurements. 3. **Comparators:** Two ultra-low-power comparators. ### C. Communication Interfaces | Type | Quantity | Features | | :--- | :--- | :--- | | **UART/LPUART** | 3 | Includes one Low-Power UART for sleep-mode wake-up. | | **I2C** | 3 | Supports SMBus/PMBus. | | **SPI** | 2 | High-speed data transfer. | | **USB** | 1 | USB 2.0 full-speed crystal-less solution. | --- ## 3. Pinout and Physical Attributes The "RBI6" suffix indicates: * **RB:** 64 pins. * **I:** 128 KB Flash memory. * **6:** Industrial temperature range (-40°C to 85°C). The **UFBGA64** package is a "Ball Grid Array," which provides a very small footprint (5x5 mm), making it ideal for wearables and compact IoT sensors. --- ## 4. Example Code Structure (HAL) To initialize the GPIO for an LED on this device using the STM32 Hardware Abstraction Layer (HAL): ```c void MX_GPIO_Init(void) { GPIO_InitTypeDef GPIO_InitStruct = {0}; /* GPIO Ports Clock Enable */ __HAL_RCC_GPIOB_CLK_ENABLE(); /* Configure GPIO pin Output Level */ HAL_GPIO_WritePin(GPIOB, GPIO_PIN_3, GPIO_PIN_RESET); /* Configure GPIO pin : PB3 */ GPIO_InitStruct.Pin = GPIO_PIN_3; GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOB, &GPIO_InitStruct); } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption figures for the STM32L412 in Stop 2 mode?
    • ⤷ Which development boards are compatible with the STM32L412 series?
    • ⤷ Does this microcontroller support hardware encryption like AES?