Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412RBI6P

  • AI
    The **STM32L412RBI6P** is an ultra-low-power microcontroller from STMicroelectronics based on the high-performance Arm® Cortex®-M4 32-bit RISC core. It is specifically designed for applications requiring high efficiency and low power consumption, such as wearables, IoT sensors, and industrial monitors. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the STM32L412RBI6P: | Feature | Specification | | :--- | :--- | | **Core** | Arm® 32-bit Cortex®-M4 with FPU | | **Max Frequency** | 80 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package** | UFBGA64 (5x5 mm) | | **Operating Temp** | -40°C to 85°C | --- ### 2. Core Electronic Components & Architecture #### A. Power Management (Ultra-Low Power) The device utilizes **FlexPowerControl**, which allows the MCU to achieve extremely low power consumption figures: * **Shutdown Mode:** 28 nA (with wakeup pins). * **Standby Mode:** 280 nA (with RTC and 40 KB RAM retention). * **Stop 2 Mode:** 1 μA (with full RAM retention). * **Run Mode:** 28 μA/MHz. #### B. Analog Peripherals This MCU integrates high-performance analog components to reduce the need for external ICs: * **ADC:** 1× 12-bit ADC (up to 5 Msps) for sensor data acquisition. * **DAC:** 1× 12-bit DAC with output buffer. * **Comparators:** 2× ultra-low-power comparators. * **Internal Voltage Reference:** Provides a stable reference for analog measurements. #### C. Communication Interfaces The chip supports a wide array of serial protocols: * **USART/UART:** 3 interfaces (supporting LIN, IrDA, and Modbus). * **I2C:** 3 interfaces (supporting SMBus/PMBus). * **SPI:** 2 interfaces. * **USB:** USB 2.0 full-speed device/host with on-chip PHY. --- ### 3. Safety and Security Features The STM32L412 series includes hardware-level security to protect firmware and data: 1. **TRNG:** True Random Number Generator. 2. **CRC Calculation Unit:** To ensure data integrity. 3. **96-bit Unique ID:** For device authentication. 4. **Memory Protection Unit (MPU):** Manages access rights for different software tasks. --- ### 4. Hardware Design Implementation When designing a PCB for this part, the following connections are essential: ```c /* Basic Hardware Connection Guide */ - VDD/VSS: Main power supply pins (Requires decoupling caps, usually 100nF). - NRST: Reset pin (Active low, typically with a 10k pull-up and 100nF cap). - BOOT0: Used to select boot mode (System memory or Flash). - OSC_IN/OSC_OUT: For external high-speed crystal (HSE). - SWDIO/SWCLK: Serial Wire Debug interface for programming. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32L4 and the STM32L0 series?
    • ⤷ How do I configure the Stop 2 mode in STM32CubeIDE?
    • ⤷ What are the specific pinout differences for the UFBGA64 package?