Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412RBT6

  • AI
    ## Overview of STM32L412RBT6 The **STM32L412RBT6** is an ultra-low-power microcontroller (MCU) based on the high-performance Arm® Cortex®-M4 32-bit RISC core. It is designed by STMicroelectronics for applications requiring high efficiency and low power consumption, such as wearables, IoT sensors, and medical devices. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® 32-bit Cortex®-M4 with FPU | | **Max CPU Frequency** | 80 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package** | LQFP64 (10x10 mm) | | **I/O Ports** | 52 GPIOs | --- ### 2. Core Features and Architecture #### High Performance with Efficiency The device features a Floating Point Unit (FPU) which supports all Arm single-precision data-processing instructions. It also implements a full set of DSP (Digital Signal Processing) instructions and a Memory Protection Unit (MPU) for enhanced application security. #### Power Management This MCU is highly optimized for low-power operation, featuring: * **Low-power modes:** Sleep, Stop, Standby, and Shutdown. * **Batch Acquisition Mode (BAM):** Allows data transfer from peripherals to memory while the rest of the CPU is in sleep mode. * **V_BAT supply:** Support for backup registers and RTC. #### Peripherals and Connectivity The STM32L412RBT6 is packed with various integrated electronic components to interface with external hardware: * **Analog-to-Digital Converter (ADC):** 2x 12-bit ADCs (up to 5 Msps). * **Communication Interfaces:** * 3x UARTs (Universal Asynchronous Receiver/Transmitter) * 2x I2C (Inter-Integrated Circuit) * 2x SPI (Serial Peripheral Interface) * 1x USB 2.0 full-speed crystal-less solution. * **Timers:** Includes low-power timers (LPTIM) designed to work even in stop mode. --- ### 3. Pinout and Physical Characteristics The **LQFP64** package (Low-profile Quad Flat Pack) provides a balance between ease of PCB soldering and high I/O count. ```c // Example: Basic GPIO Initialization Snippet for STM32L412 void GPIO_Init(void) { __HAL_RCC_GPIOA_CLK_ENABLE(); // Enable Clock for Port A GPIO_InitTypeDef GPIO_InitStruct = {0}; GPIO_InitStruct.Pin = GPIO_PIN_5; GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); } ``` --- ### 4. Target Applications * **Smart Home:** Thermostats, smoke detectors, and smart locks. * **Industrial:** Sensors, flow meters, and handheld instruments. * **Consumer:** Fitness trackers and smartwatches.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption figures in 'Stop' mode for this MCU?
    • ⤷ How does the 'Crystal-less USB' feature simplify PCB design?
    • ⤷ What is the difference between the STM32L412 and the STM32L432 series?