Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412RBT6P

  • AI
    ## Overview of STM32L412RBT6P The **STM32L412RBT6P** is an ultra-low-power microcontroller from STMicroelectronics based on the high-performance **Arm® Cortex®-M4** 32-bit RISC core. It operates at frequencies up to 80 MHz and features a Floating Point Unit (FPU). --- ### 1. Technical Specifications The following table summarizes the primary hardware characteristics of the chip: | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M4 with FPU | | **Max Frequency** | 80 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 40 KB | | **Package** | LQFP64 (10x10 mm) | | **Operating Voltage** | 1.71 V to 3.6 V | | **I/O Ports** | 52 GPIOs | | **ADC** | 2x 12-bit (up to 5 Msps) | --- ### 2. Key Internal Components #### A. Power Management This MCU is designed for efficiency, utilizing several modes to save energy: * **Low-power Run Mode:** Reduces clock speed to save current while executing. * **Stop Modes:** Retention of SRAM and registers with wake-up times as low as 5 µs. * **Standby/Shutdown:** Extreme low power (nA range) for battery-operated devices. #### B. Connectivity & Peripherals The "RBT6" variant includes a robust set of communication interfaces: * **USART/UART:** 3 interfaces for serial communication. * **I2C:** 3 interfaces supporting SMBus/PMBus. * **SPI:** 2 interfaces for high-speed data exchange. * **USB:** Crystal-less USB 2.0 full-speed controller. #### C. Analog Features * **Two ADCs:** 12-bit resolution for sensor data acquisition. * **DAC:** 1-channel 12-bit Digital-to-Analog converter. * **Comparators:** 2 ultra-low-power comparators. --- ### 3. Part Number Breakdown Understanding the suffix helps identify specific electronic traits: | Code | Meaning | | :--- | :--- | | **STM32L4** | Ultra-low power platform | | **412** | Specific feature set (Entry level L4 series) | | **R** | Pin count (64 pins) | | **B** | Flash memory size (128 KB) | | **T** | Package type (LQFP) | | **6** | Temperature range (-40°C to 85°C) | | **P** | Dedicated dedicated code (usually indicating specific production process or ECOPACK®) | --- ### 4. Typical Application Circuit When designing the PCB for this part, the following components are essential: ```cpp // Schematic Checklist: 1. Decoupling Capacitors: 100nF for each VDD pin + 1x 4.7uF bulk. 2. Reset (NRST): 100nF capacitor to ground. 3. Oscillators: - HSE: 4 to 48 MHz crystal. - LSE: 32.768 kHz (for RTC). 4. Boot Configuration: BOOT0 pin pulldown resistor. ```
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the STM32L4 and STM32F4 series?
    • ⤷ How do I configure the low-power modes in STM32CubeIDE?
    • ⤷ Can this microcontroller run on a single coin cell battery?