Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412RBT6PTR

  • AI
    The **STM32L412RBT6PTR** is an ultra-low-power microcontroller (MCU) based on the high-performance Arm® Cortex®-M4 32-bit RISC core. It is specifically designed for applications where power efficiency is as critical as processing power, such as wearables, IoT sensors, and portable medical devices. --- ### ## 1. Core Technical Specifications The device operates at a frequency of up to 80 MHz and features a Floating Point Unit (FPU) for advanced math operations. | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M4 with FPU | | **Max Frequency** | 80 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package** | LQFP64 (10x10 mm) | | **I/O Ports** | 52 Fast I/Os | --- ### ## 2. Key Electronic Components & Subsystems #### ### A. Low-Power Management The "L" in STM32L series stands for **Low Power**. This chip includes several modes to conserve energy: * **Shutdown Mode:** Only 7 nA consumption (with no RTC). * **Standby Mode:** 140 nA consumption. * **Stop 2 Mode:** 1.0 µA with full RAM retention and fast wakeup (5 µs). * **Batch Acquisition Mode (BAM):** Allows data exchange via peripherals while the CPU is in sleep mode. #### ### B. Advanced Peripherals The MCU integrates various hardware blocks to interface with other electronic parts: * **Analog-to-Digital Converter (ADC):** 1x 12-bit ADC (up to 5 Msps) for sensor reading. * **Communication Interfaces:** * 3x UARTs / 2x SPI / 2x I2C. * 1x CAN bus (2.0B Active). * 1x USB 2.0 full-speed crystal-less solution. * **Timers:** Includes low-power timers (LPTIM) that can run even when the main clocks are off. #### ### C. Security and Integrity * **TRNG:** True Random Number Generator for encryption. * **CRC Calculation Unit:** Used to verify data integrity. * **96-bit Unique ID:** Permanent hardware identification for each chip. --- ### ## 3. Part Number Breakdown Understanding the suffix is crucial for sourcing the correct electronic part: | Code | Meaning | | :--- | :--- | | **STM32L412** | Ultra-low-power MCUs with Cortex-M4 | | **R** | Pin count: 64 pins | | **B** | Flash memory size: 128 KB | | **T** | Package type: LQFP | | **6** | Temperature range: -40°C to 85°C | | **PTR** | **P** = Specific process/sub-family; **TR** = Tape and Reel packaging | --- ### ## 4. Application Circuit Considerations To implement this part in an electronic circuit, you typically need: 1. **Decoupling Capacitors:** 100 nF capacitors on every $V_{DD}$ pin. 2. **Clock Source:** While it has an internal HSI (16 MHz), an external 32.768 kHz crystal (LSE) is recommended for accurate RTC functions. 3. **Reset Circuit:** A simple RC network or dedicated supervisor on the NRST pin.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32L4 and the STM32F4 series?
    • ⤷ Can you provide a sample C code snippet to initialize a GPIO on this MCU?
    • ⤷ What are the power requirements for the USB crystal-less feature?