Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412RBT6TR

  • AI
    The **STM32L412RBT6TR** is an ultra-low-power microcontroller (MCU) developed by STMicroelectronics. It is based on the high-performance **ARM® Cortex®-M4** 32-bit RISC core, operating at frequencies up to 80 MHz. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU | | **Maximum Speed** | 80 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package** | LQFP-64 (10x10 mm) | | **I/O Pins** | 52 | | **Operating Temperature** | -40°C to 85°C | --- ## 2. Key Electronic Components & Subsystems ### Power Management The "L" in STM32L stands for **Low Power**. This chip incorporates several technologies to extend battery life: * **FlexPowerControl:** Independent supply for ADC, USB, and IOs. * **Low-power modes:** Shutdown mode (30 nA), Standby mode (300 nA), and Stop 2 mode (1.1 µA with full RAM retention). * **Batch Acquisition Mode (BAM):** Allows data exchange via peripherals while the CPU is in sleep mode. ### Analog-to-Digital Conversion (ADC) The chip features a high-performance **12-bit ADC** capable of up to 5 Msps. It includes hardware oversampling to reach **16-bit resolution**, making it ideal for precision sensor readings. ### Performance & Security * **FPU & DSP:** The Floating Point Unit (FPU) allows for complex mathematical calculations (like audio processing or motor control) at high speeds. * **ART Accelerator:** ST’s Adaptive Real-Time memory accelerator allows 0-wait state execution from Flash memory. * **Security:** Includes a True Random Number Generator (TRNG) and hardware encryption accelerators. ### Connectivity & I/O The device supports a wide array of industrial and consumer communication protocols: * **1x USB 2.0 Full Speed** (crystal-less). * **2x I2C** (SMBus/PMBus compatible). * **3x USARTs / 1x LPUART** (Low Power UART). * **2x SPIs**. * **1x Quad SPI** (for external memory expansion). --- ## 3. Decoding the Part Number | Code | Meaning | | :--- | :--- | | **STM32** | Family: 32-bit Microcontroller | | **L412** | Series: Ultra-low-power, entry-level performance | | **R** | Pin count: 64 pins | | **B** | Flash size: 128 KB | | **T** | Package: LQFP | | **6** | Temperature range: -40°C to 85°C | | **TR** | Packing: Tape and Reel | --- ## 4. Typical Application Circuit When designing a PCB for this part, the following external components are standard: * **Decoupling Capacitors:** 100nF for each $V_{DD}$ pin and one 4.7µF/10µF bulk capacitor. * **Oscillators:** 32.768 kHz crystal for the RTC (Real Time Clock) and 4-48 MHz crystal for the high-speed clock (optional). * **Reset Circuit:** A 100nF capacitor on the NRST pin to prevent accidental resets from noise.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32L412 and the STM32L432?
    • ⤷ How does the BAM (Batch Acquisition Mode) reduce power consumption in sensor apps?
    • ⤷ What development boards (Nucleo/Discovery) are compatible with this chip?