Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412RBU6PTR

  • AI
    The **STM32L412RBU6PTR** is an ultra-low-power microcontroller (MCU) based on the high-performance Arm® Cortex®-M4 32-bit RISC core. It is specifically designed for applications where energy efficiency and high performance are critical. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the STM32L412RBU6PTR: | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M4 with FPU | | **Max Frequency** | 80 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package** | LQFP64 (10x10 mm) | | **Operating Temp** | -40°C to 85°C | --- ### 2. Core Electronic Components & Architecture #### A. Power Management This MCU uses **ST’s Low-Power technology**, featuring: * **Multiple Power Modes:** Including Sleep, Low-power run, Low-power sleep, Stop 1, Stop 2, Standby, and Shutdown. * **Current Consumption:** Down to 28 nA in Shutdown mode and 5 μA in Stop 2 mode with full RAM retention. * **VBAT Supply:** Allows the RTC (Real-Time Clock) and backup registers to remain powered even if the main VDD fails. #### B. Analog Peripherals The "RBU6" variant includes high-precision analog components integrated directly into the silicon: * **ADC:** 1× 12-bit ADC (up to 5 Msps) for sensor data acquisition. * **Internal Voltage Reference:** Provides a stable voltage for analog conversions. * **Comparators:** 2 ultra-low-power comparators. #### C. Communication Interfaces It supports a wide variety of industrial and consumer protocols: * **USART/UART:** 3 interfaces (support for ISO 7816, LIN, IrDA). * **I2C:** 3 interfaces (supporting SMBus/PMBus). * **SPI:** 2 interfaces. * **USB:** USB 2.0 full-speed device peripheral with on-chip PHY. --- ### 3. Pinout and Physical Integration The **LQFP64** package provides 64 pins, most of which are multi-functional. ```c // Example of Pin Multiplexing Configuration (using HAL) void GPIO_Init(void) { GPIO_InitTypeDef GPIO_InitStruct = {0}; // Configure PA9 as USART1 TX GPIO_InitStruct.Pin = GPIO_PIN_9; GPIO_InitStruct.Mode = GPIO_MODE_AF_PP; GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_VERY_HIGH; GPIO_InitStruct.Alternate = GPIO_AF7_USART1; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); } ``` --- ### 4. Typical Applications * **Wearable Devices:** Smartwatches and fitness trackers (due to Stop 2 mode). * **Industrial Sensors:** Battery-powered IoT nodes. * **Medical Portables:** Glucose meters or handheld diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the STM32L412 and the STM32L432 series?
    • ⤷ How do I implement the 'Stop 2' low-power mode in C code?
    • ⤷ What is the significance of the 'PTR' suffix in the part number?