Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STM32L412RBU6PXXX

  • AI
    ## Technical Overview of STM32L412RBU6P The **STM32L412RBU6P** is an ultra-low-power microcontroller developed by STMicroelectronics. It belongs to the STM32L4 series, which is based on the high-performance **Arm® Cortex®-M4** 32-bit RISC core operating at a frequency of up to 80 MHz. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® 32-bit Cortex®-M4 CPU with FPU | | **Max Frequency** | 80 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 40 KB | | **Operating Voltage** | 1.71 V to 3.6 V | | **Package** | LQFP64 (10x10 mm) | | **Operating Temp** | -40°C to 85°C | --- ### Core Electronic Components & Architecture #### 1. Processing Power The core features a Floating Point Unit (**FPU**) which supports all Arm single-precision data-processing instructions and data types. It also implements a full set of **DSP instructions** and a memory protection unit (MPU) which enhances application security. #### 2. Power Management (Ultra-Low Power) This is the "L" (Low Power) specialty of the chip. It utilizes several technologies to minimize current consumption: * **FlexPowerControl:** Allows independent supply for peripherals. * **Low-power modes:** Includes Sleep, Stop, Standby, and **Shutdown** (consuming as little as 30 nA). * **Batch Acquisition Mode (BAM):** Allows data transfer while the CPU is in sleep mode. #### 3. Analog Peripherals The chip is equipped with high-performance analog components: * **ADC:** 1× 12-bit ADC (up to 5 Msps). * **Operational Amplifiers:** 1 built-in op-amp with external or internal feedback. * **Comparators:** 2 ultra-low-power comparators. #### 4. Connectivity & I/O The STM32L412RBU6P offers a wide range of communication interfaces: * **USART/UART:** 3 interfaces for serial communication. * **I2C:** 3 interfaces supporting SMBus/PMBus. * **SPI:** 2 interfaces. * **USB:** USB 2.0 full-speed crystal-less solution. --- ### Pin Configuration Categories As an LQFP64 package, the pins are generally grouped as follows: ```c // Example of Pin Function Mapping in C (HAL) GPIO_InitTypeDef GPIO_InitStruct = {0}; // Configure PA9 and PA10 for USART1 GPIO_InitStruct.Pin = GPIO_PIN_9 | GPIO_PIN_10; GPIO_InitStruct.Mode = GPIO_MODE_AF_PP; GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_VERY_HIGH; GPIO_InitStruct.Alternate = GPIO_AF7_USART1; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); ``` --- ### Applications * **Smart Meters:** Due to high precision and low battery drain. * **Wearables:** Fitness trackers and medical monitors. * **Industrial Sensors:** IoT nodes requiring long-term battery life. * **PC Peripherals:** USB-based controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption figures for the different sleep modes of this MCU?
    • ⤷ How does the 'Crystal-less USB' feature work in the STM32L4 series?
    • ⤷ What development boards (like Nucleo or Discovery) support the STM32L412?