Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STP2CMPQ

  • AI
    The **STP2CMPQ** is a specialized power management component, typically categorized as a **dual-channel capacitive charge pump** and power switch, often used in mobile applications (such as driving flash LEDs or managing specific power rails). Below is a detailed breakdown of its electronic characteristics and functional parts. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Function** | Dual-channel Charge Pump / Power Management | | **Input Voltage Range** | Typically 2.7V to 5.5V (Standard Li-ion range) | | **Output Current** | High-current capability (often up to 230mA per channel) | | **Switching Frequency** | High-frequency operation (approx. 1 MHz - 1.2 MHz) | | **Package Type** | QFN or CSP (Chip Scale Package) for space-saving | | **Efficiency** | High efficiency (>90%) due to fractional conversion modes | --- ### 2. Functional Electronic Blocks The STP2CMPQ consists of several internal modules that work together to manage power: #### A. The Charge Pump Core This is the heart of the device. It uses external flying capacitors to "pump" the voltage up ($1\times$, $1.5\times$, or $2\times$ modes). It automatically switches between these modes based on the input-to-output voltage differential to maximize battery life. #### B. Current Regulators Unlike a standard voltage regulator, this part includes precise current sinks/sources. This ensures that even if the battery voltage fluctuates, the output current remains constant—crucial for LED brightness consistency or sensor stability. #### C. Control Interface (I2C or Logic) Most variants use either simple GPIO logic pins or an **I2C serial interface**. This allows the host processor to: * Enable/Disable individual channels. * Set the output current levels. * Monitor fault conditions. #### D. Protection Circuitry * **Overvoltage Protection (OVP):** Prevents damage if the load is disconnected. * **Thermal Shutdown:** Turns the device off if it exceeds its safe operating temperature. * **Short-circuit Protection:** Limits current if the output is grounded. --- ### 3. Typical Application Circuit When designing with the STP2CMPQ, the following external components are required: ```mermaid graph LR Vin(Input Voltage) --> C_in(Input Cap) C_in --> IC[STP2CMPQ] IC --> C_fly1(Flying Cap 1) IC --> C_fly2(Flying Cap 2) IC --> C_out(Output Cap) IC --> Load(LEDs / Sensors) ``` ### 4. Comparison of Modes | Mode | Efficiency | Usage Scenario | | :--- | :--- | :--- | | **1x Mode** | Highest | Battery voltage is significantly higher than required output. | | **1.5x Mode** | Medium | Battery voltage is dropping; boost is needed. | | **2x Mode** | Lowest | Battery is nearly empty; maximum boost is required. | ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the STP2CMPQ package?
    • ⤷ Can the STP2CMPQ be used for applications other than LED driving?
    • ⤷ How do I calculate the required values for the flying capacitors?