Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STPS10L45CFP

  • AI
    ## STPS10L45CFP: Technical Overview The **STPS10L45CFP** is a Power Schottky Rectifier manufactured by STMicroelectronics. It is designed for high-frequency switch-mode power supplies and low-voltage, high-frequency inverters. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Average Forward Current** | $I_{F(AV)}$ | 10 A (5A per diode) | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 V | | **Forward Voltage Drop (Max)** | $V_F$ | 0.50 V (at 5A, $T_j = 125^\circ C$) | | **Operating Junction Temp** | $T_j$ | -65 to +150 °C | | **Package Type** | TO-220FPAB | Full Pack (Insulated) | --- ### 2. Main Characteristics * **Low Forward Voltage Drop:** This part is optimized for efficiency. The "L" in the part number indicates a **Low $V_F$** version, which minimizes power loss due to conduction. * **Common Cathode Configuration:** The device consists of two Schottky diodes sharing a single cathode (center pin), making it ideal for center-tap transformer rectification. * **Insulated Package (Full Pack):** The "FP" suffix denotes the TO-220FPAB package. The internal silicon is electrically isolated from the external heatsink tab, eliminating the need for separate insulating washers. * **Negligible Switching Losses:** As a Schottky diode, it has no reverse recovery charge ($Q_{rr}$), allowing for high-frequency operation with minimal heat generation. --- ### 3. Pinout Configuration The device uses a standard 3-pin TO-220 layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Anode 1 | Input for Diode 1 | | **2** | Cathode | Common Output (Center Tab) | | **3** | Anode 2 | Input for Diode 2 | --- ### 4. Typical Applications * **SMPS (Switch Mode Power Supplies):** Used in the output rectification stage. * **DC/DC Converters:** High-speed switching for voltage regulation. * **Free-wheeling Diodes:** Protecting circuits from inductive voltage spikes. * **Reverse Polarity Protection:** High current protection for battery-powered devices. ---
    ✨ Follow-up Questions
    • What is the difference between the STPS10L45CFP and the standard STPS1045 version?
    • How does the 'Full Pack' insulation affect the thermal resistance of this component?
    • In what scenarios would a 45V rating be insufficient for a 12V power supply?