Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • STSM-32-RTR

  • AI
    The **STSM-32-RTR** is a specific electronic component typically categorized as a **Surface Mount (SMD) Tactile Switch**. These components are fundamental in human-machine interfaces, providing physical feedback to a user when a button is pressed. --- ### 1. Technical Specifications The following table outlines the general electronic and physical characteristics often associated with this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Circuit Type** | SPST (Single Pole Single Throw) | | **Switch Function** | Off-Mom (Momentary On) | | **Contact Rating** | 50mA @ 12VDC | | **Operating Force** | 160gf to 260gf (varies by sub-model) | | **Actuator Type** | Round Button / Stem | | **Packaging** | Tape & Reel (indicated by the "RTR" suffix) | --- ### 2. Key Electronic Components & Materials The internal construction of the STSM-32-RTR involves several key materials that dictate its electronic performance: * **Contact Dome:** Usually made of stainless steel with silver or gold plating. This acts as the "spring" that completes the circuit when depressed. * **Terminals:** Brass or copper alloy with silver plating to ensure high conductivity and ease of soldering to a PCB. * **Base/Housing:** High-temperature thermoplastic (e.g., LCP or Nylon) designed to withstand the heat of infrared (IR) or convection reflow soldering. * **Actuator:** The physical interface (plunger) that transfers force from the user to the internal metal dome. --- ### 3. Suffix Breakdown: "RTR" In the electronics industry, nomenclature is critical for procurement. The "RTR" suffix specifically refers to the logistical delivery format: 1. **RT (Reel):** The switches are placed into embossed plastic carrier tape. 2. **R (Tape & Reel):** This signifies the parts are wound onto a reel, making them compatible with **Pick-and-Place** automated assembly machines. --- ### 4. Implementation Example When designing a PCB with this part, you would typically integrate it into a pull-up or pull-down resistor circuit. ```cpp // Example: Basic Arduino logic for a Tactile Switch const int buttonPin = 2; int buttonState = 0; void setup() { pinMode(buttonPin, INPUT_PULLUP); // Uses internal resistor } void loop() { buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Switch is pressed, circuit is closed to Ground } } ```
    ✨ Follow-up Questions
    • ⤷ What is the footprint size (mm) for the STSM-32-RTR?
    • ⤷ What are the typical bounce time specifications for this switch?
    • ⤷ Can this switch be used in high-voltage AC applications?