Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SV-4W2-R/Q

  • AI
    The **SV-4W2-R/Q** is a specific series of high-performance **2-Way Solenoid Valves**, typically used in industrial automation, HVAC, or fluid control systems. These valves are categorized by their "normally closed" or "normally open" states and their rugged construction. --- ## Technical Specifications The electronic and mechanical profile of these parts generally includes the following parameters: | Component / Feature | Specification Details | | :--- | :--- | | **Valve Type** | 2-Way (2-Port), 2-Position | | **Action Mode** | Pilot-Operated (Diaphragm) or Direct Acting | | **Voltage Options** | 12VDC, 24VDC, 110VAC, 220VAC | | **Body Material** | Stainless Steel or Brass | | **Seal Material** | NBR, EPDM, or Viton (FKM) | | **Pressure Range** | 0.5 to 16 Bar (varies by orifice size) | | **Connection Type** | Threaded (G, NPT, or PT) | --- ## Electronic Components & Functionality ### 1. The Solenoid Coil (The "Driver") The heart of the SV-4W2 series is the electromagnetic coil. When electrical current flows through the copper windings, it creates a magnetic field. * **Encapsulation:** Coils are usually encapsulated in thermosetting plastic to protect against moisture and vibration (often IP65 rated). * **Connection:** Uses a DIN 43650 Form A or B connector, which often includes a small LED indicator to show power status. ### 2. The Plunger (Armature) A ferromagnetic cylinder located inside the coil. When the coil is energized, the plunger is pulled upward, overcoming the force of the internal spring to open or close the valve orifice. ### 3. Power Consumption These valves are designed for efficiency. Typical power ratings are: * **AC Power:** ~15VA to 20VA (Holding) * **DC Power:** ~10W to 15W ### 4. Circuit Protection For the "Q" (Quality/Quiet) or specific "R" (Rugged) variants, the electronic assembly may include: * **Varistors:** To protect the coil from voltage spikes (Inductive kickback). * **Rectifiers:** If the unit is an AC-to-DC integrated model, ensuring smooth plunger movement without "chatter." --- ## Typical Wiring Diagram *Note: Always verify with the specific datasheet for your voltage variant.* ```text [ Power Source ] -------- [ Pin 1: Live/Positive ] | [ Power Source ] -------- [ Pin 2: Neutral/Negative ] | [ Earth Ground ] -------- [ Pin 3: Protective Earth ] ``` --- ## Applications * **Water Treatment:** Automated flow control. * **Pneumatics:** Controlling air cylinders or manifolds. * **Heating Systems:** Regulating steam or hot water flow.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this model series?
    • ⤷ Can this solenoid valve be used with corrosive chemicals?
    • ⤷ What are the common causes of coil burnout in the SV-4W2-R?